Electronic Components Datasheet Search
  English  ▼

X  

PE70MP1006 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE70MP1006
Description  50 Ohm SMA Male To 75 Ohm F Female Matching Pad
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70MP1006 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE70MP1006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70MP1006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70MP1006 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70MP1006 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PE70MP1006 REV 1.0
50 Ohm SMA Male To 75 Ohm F Female Matching Pad Operating
From 0.009 MHz to 3 GHz RoHS Compliant
PE70MP1006 CAD Drawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com