Electronic Components Datasheet Search
  English  ▼

X  

PE1402 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE1402
Description  Rotary Joint Operating to 18 GHz 2.92mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1402 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE1402 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1402 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1402 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connectors
Description
Connector 1
Connector 2
Type
2.92mm Female
2.92mm Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Inner Conductor Plating Specification
4µ IN Minimum
4µ IN Minimum
Outer Conductor Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Dielectric Type
PTFE
PTFE
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
Outline Drawing
PE1402
PE1402 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Rotary Joint Operating to 18 GHz 2.92mm Female 2.92mm Female Connectors PE1402
Rotary Joint Operating to 18 GHz 2.92mm
Female 2.92mm Female Connectors



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com