Electronic Components Datasheet Search
  English  ▼

X  

PE1603 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1603
Description  1 GHz to 5 GHz SMA Bias Tee Rated To 1000 mA And 50 Volts DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1603 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1603 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1603 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1603 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
1 GHz to 5 GHz SMA Bias Tee Rated To 1000 mA And 50 Volts DC
Configuration
RF Port Connector
SMA Female
RF Port Connector Impedance
50 Ohms
DC/RF Port Connector
SMA Female
DC/RF Port Connector Impedance
50 Ohms
DC Port Connector
Solder Pin
Electrical Specifications
Frequency Range, GHz
1 to 5
Maximum RF Port VSWR
1.5
Maximum RF to Bias Isolation, dB
25
Maximum DC Voltage, Volts
50
Maximum DC Current, mA
1,000
Mechanical Specifications
Size
Length, in [mm]
2 [50.8]
Width/Dia., in [mm]
0.75 [19.05]
Height, in [mm]
1.525 [38.74]
.
RF Port Connector
Type
SMA Female
RF/DC Port Connector
Type
SMA Female
DC Port Connector
Type
Solder Pin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 GHz to 5 GHz SMA Bias Tee Rated To 1000 mA And 50 Volts DC PE1603
PE1603
PE1603 REV 1.2
1 GHz to 5 GHz SMA Bias Tee Rated To 1000 mA And 50 Volts DC


Similar Part No. - PE1603

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PE1601-001 POWERTIP-PE1601-001 Datasheet
601Kb / 1P
POWERTIP
PE160160-001 POWERTIP-PE160160-001 Datasheet
217Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PE160160-001-P1 POWERTIP-PE160160-001-P1 Datasheet
768Kb / 1P
POWERTIP
PE160160-001-P2 POWERTIP-PE160160-001-P2 Datasheet
873Kb / 1P
POWERTIP
PE1602-001 POWERTIP-PE1602-001 Datasheet
120Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PE1603

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1604 PASTERNACK-PE1604 Datasheet
218Kb / 3P
100 MHz to 6 GHz SMA Bias Tee Rated To 500 mA And 50 Volts DC
PE1605 PASTERNACK-PE1605 Datasheet
361Kb / 2P
400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PE1606 PASTERNACK-PE1606 Datasheet
217Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
PE1614 PASTERNACK-PE1614 Datasheet
348Kb / 2P
30 MHz to 4 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1616 PASTERNACK-PE1616 Datasheet
300Kb / 2P
10 MHz to 6 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1620 PASTERNACK-PE1620 Datasheet
213Kb / 3P
0.03 MHz to 85 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
PE1606A PASTERNACK-PE1606A Datasheet
468Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
PE1622 PASTERNACK-PE1622 Datasheet
351Kb / 3P
500 MHz to 40 GHz 2.92mm Bias Tee Rated To 1000 mA And 50 Volts DC
PE1BT1000 PASTERNACK-PE1BT1000 Datasheet
396Kb / 3P
500 MHz to 10 GHz SMA Bias Tee Rated to 700 mA And 50 Volts DC
PE1BT1002 PASTERNACK-PE1BT1002 Datasheet
348Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com