Electronic Components Datasheet Search
  English  ▼

X  

PE1605 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE1605
Description  400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1605 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE1605 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1605 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
Outline Drawing
400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC PE1605
URL: http://www.pasternack.com/500-mhz-10-ghz-sma-bias-tee-200-ma-50-volts-dc-pe1605-p.aspx
PE1605
PE1605 REV 1.1
400 MHz to 10 GHz SMA Bias Tee Rated
To 200 mA And 50 Volts DC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com