Electronic Components Datasheet Search
  English  ▼

X  

PE1607 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE1607
Description  0.1 MHz to 18 GHz SMA Bias Tee Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1607 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE1607 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1607 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1607 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
0.1 MHz to 18 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.1 MHz to 18 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC PE1607
URL: http://www.pasternack.com/0.1-mhz-18-ghz-sma-bias-tee-750-ma-24-volts-dc-pe1607-p.aspx
PE1607
PE1607 REV
0.1 MHz to 18 GHz SMA Bias Tee Rated
To 750 mA And 24 Volts DC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com