Electronic Components Datasheet Search
  English  ▼

X  

PE1608 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE1608
Description  0.1 MHz To 26.5 GHz 3.5mm Bias Tee
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1608 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE1608 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1608 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1608 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
0.1 MHz To 26.5 GHz 3.5mm Bias Tee Rated To 750 mA And 24 Volts DC from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.1 MHz To 26.5 GHz 3.5mm Bias Tee Rated To 750 mA And 24 Volts DC PE1608
URL: http://www.pasternack.com/0.1-mhz-26.5-ghz-3.5mm-bias-tee-750-ma-24-volts-dc-pe1608-p.aspx
PE1608
PE1608 REV 1.1
0.1 MHz To 26.5 GHz 3.5mm Bias Tee
Rated To 750 mA And 24 Volts DC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com