Electronic Components Datasheet Search
  English  ▼

X  

PE1610 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE1610
Description  0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1610 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE1610 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1610 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1610 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
DC Port Connector
Type
SMA Female
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated To 150 mA And 25 Volts DC from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.1 MHz to 50 GHz 2.4mm Bias Tee Rated To 150 mA And 25 Volts DC PE1610
URL: http://www.pasternack.com/0.1-mhz-50-ghz-2.4mm-bias-tee-250-ma-25-volts-dc-pe1610-p.aspx
PE1610
PE1610 REV 1.2
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
To 150 mA And 25 Volts DC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com