Electronic Components Datasheet Search
  English  ▼

X  

PE1612 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1612
Description  10 MHz to 2.5 GHz N Bias Tee Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1612 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1612 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1612 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1612 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
10 MHz to 2.5 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
Configuration
RF Port Connector
N Female
RF Port Connector Impedance
50 Ohms
RF Port Connector Specification
MIL-STD-348
DC/RF Port Connector
N Female
DC/RF Port Connector Impedance
50 Ohms
DC/RF Port Connector Specification
MIL-STD-348
DC Port Connector
Solder Pin
Electrical Specifications
Frequency Range, GHz
0.01 to 2.5
Maximum RF to Bias Isolation, dB
30
Maximum DC Voltage, Volts
100
Maximum DC Current, mA
2,500
Frequency 1
Frequency, GHz
0.01 to 6
Insertion Loss, dB
1.25
Mechanical Specifications
Size
Length, in [mm]
2.4 [60.96]
Width/Dia., in [mm]
1 [25.4]
Height, in [mm]
1.41 [35.81]
.
RF Port Connector
Type
N Female
RF/DC Port Connector
Type
N Female
DC Port Connector
Type
Solder Pin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 MHz to 2.5 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC PE1612
PE1612
PE1612 REV
10 MHz to 2.5 GHz N Bias Tee Rated
To 2500 mA And 100 Volts DC


Similar Part No. - PE1612

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1614 PASTERNACK-PE1614 Datasheet
348Kb / 2P
30 MHz to 4 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1615 PASTERNACK-PE1615 Datasheet
226Kb / 3P
10 MHz to 6 GHz SMA Bias Tee Rated
More results

Similar Description - PE1612

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZNBT-60-1W MINI-ZNBT-60-1W Datasheet
38Kb / 1P
Bias-Tee Wideband, 2.5 to 6000 MHz
logo
Pasternack Enterprises,...
PE1605 PASTERNACK-PE1605 Datasheet
361Kb / 2P
400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PE1607 PASTERNACK-PE1607 Datasheet
252Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1615 PASTERNACK-PE1615 Datasheet
226Kb / 3P
10 MHz to 6 GHz SMA Bias Tee Rated
PE1616 PASTERNACK-PE1616 Datasheet
300Kb / 2P
10 MHz to 6 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1617 PASTERNACK-PE1617 Datasheet
216Kb / 3P
250 MHz to 2.5 GHz SMA Bias Tee Rated
PE1618 PASTERNACK-PE1618 Datasheet
320Kb / 2P
500 MHz to 2.5 GHz N Bias Tee Rated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com