Electronic Components Datasheet Search
  English  ▼

X  

PE1615 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1615
Description  10 MHz to 6 GHz SMA Bias Tee Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1615 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1615 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1615 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1615 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
10 MHz to 6 GHz SMA Bias Tee Rated To 2500 mA And 100 Volts DC
Configuration
RF Port Connector
SMA Female
RF Port Connector Impedance
50 Ohms
RF Port Connector Specification
MIL-STD-348
DC/RF Port Connector
SMA Female
DC/RF Port Connector Impedance
50 Ohms
DC/RF Port Connector Specification
MIL-STD-348
DC Port Connector
Solder Pin
Design
Tee
Electrical Specifications
Frequency Range, GHz
0.01 to 6
Maximum DC/RF Port Return Loss, dB
1.5
Maximum Insertion Loss, dB
1.25
Maximum RF to Bias Isolation, dB
30
Maximum DC Voltage, Volts
100
Maximum DC Current, mA
2,500
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +105
Size
Length, in [mm]
1.67 [42.42]
Width/Dia., in [mm]
0.55 [13.97]
Height, in [mm]
1.5 [38.1]
.
Body Material and Plating
Aluminum with Chemical Conversion Coating
RF Port Connector
Type
SMA Female
Dielectric Type
PTFE
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
RF/DC Port Connector
Type
SMA Female
Dielectric Type
PTFE
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
DC Port Connector
Type
Solder Pin
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 MHz to 6 GHz SMA Bias Tee Rated To 2500 mA And 100 Volts DC PE1615
PE1615
PE1615 REV 1.1
10 MHz to 6 GHz SMA Bias Tee Rated
To 2500 mA And 100 Volts DC


Similar Part No. - PE1615

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1614 PASTERNACK-PE1614 Datasheet
348Kb / 2P
30 MHz to 4 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
More results

Similar Description - PE1615

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1604 PASTERNACK-PE1604 Datasheet
218Kb / 3P
100 MHz to 6 GHz SMA Bias Tee Rated To 500 mA And 50 Volts DC
PE1605 PASTERNACK-PE1605 Datasheet
361Kb / 2P
400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PE1607 PASTERNACK-PE1607 Datasheet
252Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1617 PASTERNACK-PE1617 Datasheet
216Kb / 3P
250 MHz to 2.5 GHz SMA Bias Tee Rated
PE1618 PASTERNACK-PE1618 Datasheet
320Kb / 2P
500 MHz to 2.5 GHz N Bias Tee Rated
PE1BT1000 PASTERNACK-PE1BT1000 Datasheet
396Kb / 3P
500 MHz to 10 GHz SMA Bias Tee Rated to 700 mA And 50 Volts DC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com