Electronic Components Datasheet Search
  English  ▼

X  

PE1616 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1616
Description  10 MHz to 6 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1616 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1616 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1616 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
RF Port Connector
N Female
RF Port Connector Impedance
50 Ohms
DC/RF Port Connector
N Female
DC Port Connector
Solder Pin N/A
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
10
6
MHz
RF Port VSWR
1.5
Insertion Loss
1.25
dB
RF to Bias Isolation
30
dB
RF Input Power
5
Watts
DC Voltage
100
Volts
DC Current
2,500
mA
.
Mechanical Specifications
Size
Length
2.4 in [60.96 mm]
Width/Dia.
1 in [25.4 mm]
Height
1.69 in [[42.93 mm]]
.
Connectors
Description
RF Port Connector
RF/DC Port Connector
DC Port Connector
Type
N Female
N Female
Solder Pin N/A
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 MHz to 6 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC PE1616
PE1616
PE1616 REV 1.1
10 MHz to 6 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC


Similar Part No. - PE1616

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1614 PASTERNACK-PE1614 Datasheet
348Kb / 2P
30 MHz to 4 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
More results

Similar Description - PE1616

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1604 PASTERNACK-PE1604 Datasheet
218Kb / 3P
100 MHz to 6 GHz SMA Bias Tee Rated To 500 mA And 50 Volts DC
PE1605 PASTERNACK-PE1605 Datasheet
361Kb / 2P
400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PE1606 PASTERNACK-PE1606 Datasheet
217Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1614 PASTERNACK-PE1614 Datasheet
348Kb / 2P
30 MHz to 4 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1615 PASTERNACK-PE1615 Datasheet
226Kb / 3P
10 MHz to 6 GHz SMA Bias Tee Rated
PE1620 PASTERNACK-PE1620 Datasheet
213Kb / 3P
0.03 MHz to 85 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
PE1621 PASTERNACK-PE1621 Datasheet
351Kb / 3P
10 MHz to 40 GHz 2.92mm Bias Tee Rated To 250 mA And 16 Volts DC
PE1606A PASTERNACK-PE1606A Datasheet
468Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
PE1BT1000 PASTERNACK-PE1BT1000 Datasheet
396Kb / 3P
500 MHz to 10 GHz SMA Bias Tee Rated to 700 mA And 50 Volts DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com