Electronic Components Datasheet Search
  English  ▼

X  

PE1619 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1619
Description  0.03 MHz to 70 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1619 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1619 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1619 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1619 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
RF Port Connector
1.85mm Female
RF Port Connector Impedance
50 Ohms
DC/RF Port Connector
1.85mm Female
DC/RF Port Connector Impedance
50 Ohms
DC Port Connector
SMA Female
Electrical Specifications
Frequency Range
30 KHz to 70 GHz
Maximum RF Port VSWR
2
Maximum Insertion Loss
3.5 dB
Maximum RF to Bias Isolation
30 dB
Maximum DC Voltage
25 Volts
Maximum DC Current
500 mA
Mechanical Specifications
Size
Length
1.42 in [36.07 mm]
Width/Dia.
0.6 in [15.24 mm]
Height
0.5 in [12.7 mm]
.
RF Port Connector
Type
1.85mm Female
RF/DC Port Connector
Type
1.85mm Female
DC Port Connector
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.03 MHz to 70 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC PE1619
PE1619
PE1619 REV 1.0
0.03 MHz to 70 GHz 1.85mm Bias Tee
Rated To 500 mA And 25 Volts DC


Similar Part No. - PE1619

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1614 PASTERNACK-PE1614 Datasheet
348Kb / 2P
30 MHz to 4 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
More results

Similar Description - PE1619

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1604 PASTERNACK-PE1604 Datasheet
218Kb / 3P
100 MHz to 6 GHz SMA Bias Tee Rated To 500 mA And 50 Volts DC
PE1605 PASTERNACK-PE1605 Datasheet
361Kb / 2P
400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PE1606 PASTERNACK-PE1606 Datasheet
217Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
PE1614 PASTERNACK-PE1614 Datasheet
348Kb / 2P
30 MHz to 4 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1616 PASTERNACK-PE1616 Datasheet
300Kb / 2P
10 MHz to 6 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
PE1620 PASTERNACK-PE1620 Datasheet
213Kb / 3P
0.03 MHz to 85 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
PE1606A PASTERNACK-PE1606A Datasheet
468Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
PE1622 PASTERNACK-PE1622 Datasheet
351Kb / 3P
500 MHz to 40 GHz 2.92mm Bias Tee Rated To 1000 mA And 50 Volts DC
PE1BT1000 PASTERNACK-PE1BT1000 Datasheet
396Kb / 3P
500 MHz to 10 GHz SMA Bias Tee Rated to 700 mA And 50 Volts DC
PE1BT1002 PASTERNACK-PE1BT1002 Datasheet
348Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com