Electronic Components Datasheet Search
  English  ▼

X  

PE44800 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44800
Description  1.85mm Female Precision Connector Clamp-Solder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44800 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44800 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44800 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44800 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
1.85mm Female Precision Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL,
PE-SR047FL
Configuration
Connector
1.85mm Female
Connector Interface Type
PE-047SR,PE-SR047AL,PE-SR047FL
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 65
Impedance, Ohms
50
Maximum VSWR
1.35:1
Mechanical Specifications
Size
Length, in [mm]
0.61 [15.49]
Width/Dia., in [mm]
0.3 [7.62]
.
Connector
Type
1.85mm Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
50µ Inches.
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Female Precision Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL,
PE-SR047FL PE44800
PE44800
PE44800 REV
1.85mm Female Precision Connector Clamp/Solder
Attachment For PE-047SR, PE-SR047AL, PE-SR047FL


Similar Part No. - PE44800

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4480 PASTERNACK-PE4480 Datasheet
223Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4480 PASTERNACK-PE4480 Datasheet
320Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment
PE44801 PASTERNACK-PE44801 Datasheet
296Kb / 3P
2.4mm Female Bulkhead Precision Connector Clamp/ Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405, .252 inch D Hole
PE44802 PASTERNACK-PE44802 Datasheet
301Kb / 3P
1.85mm Female Bulkhead Precision Connector Clamp
PE44804 PASTERNACK-PE44804 Datasheet
243Kb / 2P
TNC Male Connector with Delrin Insulator Crimp - Crimp Attachment For PE-C200, LMR-200
More results

Similar Description - PE44800

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9717 PASTERNACK-PE9717 Datasheet
245Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
PE44802 PASTERNACK-PE44802 Datasheet
301Kb / 3P
1.85mm Female Bulkhead Precision Connector Clamp
PE45005 PASTERNACK-PE45005 Datasheet
420Kb / 3P
1.85mm Male Connector Clamp-Solder Attachment for PE-P086
PE91115 PASTERNACK-PE91115 Datasheet
214Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
PE44799 PASTERNACK-PE44799 Datasheet
288Kb / 3P
1.85mm Male Precision Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE4057 PASTERNACK-PE4057_16 Datasheet
408Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4068 PASTERNACK-PE4068_16 Datasheet
410Kb / 3P
TNC Female Connector Clamp/Solder Attachment
PE4204 PASTERNACK-PE4204_16 Datasheet
314Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4372 PASTERNACK-PE4372_16 Datasheet
318Kb / 3P
N Female Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com