Electronic Components Datasheet Search
  English  ▼

X  

PE44802 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44802
Description  1.85mm Female Bulkhead Precision Connector Clamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44802 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44802 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44802 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44802 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
1.85mm Female Bulkhead Precision Connector Clamp/Solder Attachment For PE-SR405AL,
PE-SR405FL, PE-SR405FLJ, RG405, .252 inch D Hole
Configuration
Connector
1.85mm Female
Connector Specification
IEEE-STD-P287*
Connector Interface Type
PE-SR405AL,PE-SR405FL,PE-SR405FLJ,RG405
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Connector Design
Precision
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 60
Impedance, Ohms
50
Maximum VSWR
1.35:1
Mechanical Specifications
Size
Length, in [mm]
0.965 [24.51]
Width/Dia., in [mm]
0.375 [9.53]
.
Connector
Type
1.85mm Female
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
50µ Inches.
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Female Bulkhead Precision Connector Clamp/Solder Attachment For PE-SR405AL,
PE-SR405FL, PE-SR405FLJ, RG405, .252 inch D Hole PE44802
PE44802
PE44802 REV 1.0
1.85mm Female Bulkhead Precision Connector Clamp/
Solder Attachment For PE-SR405AL, PE-SR405FL,
PE-SR405FLJ, RG405, .252 inch D Hole


Similar Part No. - PE44802

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4480 PASTERNACK-PE4480 Datasheet
223Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4480 PASTERNACK-PE4480 Datasheet
320Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment
PE44800 PASTERNACK-PE44800 Datasheet
282Kb / 3P
1.85mm Female Precision Connector Clamp-Solder
PE44801 PASTERNACK-PE44801 Datasheet
296Kb / 3P
2.4mm Female Bulkhead Precision Connector Clamp/ Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405, .252 inch D Hole
PE44804 PASTERNACK-PE44804 Datasheet
243Kb / 2P
TNC Male Connector with Delrin Insulator Crimp - Crimp Attachment For PE-C200, LMR-200
More results

Similar Description - PE44802

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9717 PASTERNACK-PE9717 Datasheet
245Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
PE9729 PASTERNACK-PE9729 Datasheet
254Kb / 2P
Precision SMA Female to 1.85mm Female Adapter
PE4964 PASTERNACK-PE4964 Datasheet
283Kb / 3P
C Female Bulkhead Connector Clamp
PE4033 PASTERNACK-PE4033 Datasheet
224Kb / 3P
SMA Female Bulkhead Connector Clamp/Solder Attachment
PE44800 PASTERNACK-PE44800 Datasheet
282Kb / 3P
1.85mm Female Precision Connector Clamp-Solder
PE91115 PASTERNACK-PE91115 Datasheet
214Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
PE4391 PASTERNACK-PE4391_14 Datasheet
291Kb / 2P
BNC Female Bulkhead Connector Clamp/Solder Attachment
PE4440 PASTERNACK-PE4440 Datasheet
109Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
PE4442-DS PASTERNACK-PE4442-DS Datasheet
291Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com