Electronic Components Datasheet Search
  English  ▼

X  

HSB36AC Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HSB36AC
Description  Specification for other impedance is available upon request
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HSB36AC Datasheet(HTML) 1 Page - JL World Company Limited.

  HSB36AC Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPEAKERqSOUNDqGENERATORS
SpecificationgAallgdatagtakengatg.F°4gunlessgotherwisegspecifiedv
4oilg
Impedanceg
AΩv
Hg±gWF+
Operating
Temperature
A°4v
B.Rg~gPqR
SDveragegSoundg
PressuregLevel
Adøv
z.g±gM
Ratedg
Power
AWv
W9F
Maximum
InputgPower
AWv
.
SFrequency
Range
AHzv
FFRg~gqRRR
Resonance
Frequencyg
AHzv
FFRg±g.R+
Storage
Temperature
A°4v
B.Fg~gPyR
ThegspecificationgaregonlygforgHΩgversion9gSpecificationgforgothergimpedancegisgavailablegupongrequest9
SValuegnormalizedgtogR9WWginputgpowergandgR9Wmgmeasuringgdistance9
HSB36AC
www.jlworld.com
Dimensions
Unitg7gmm
Toleranceg7g±R9Mmm
FrequencyqResponse
NormalizationgtogR9WWgInputgPowerg
andgR9WmgMeasuringgDistance
HSøMqD4BH
1K
100
70
80
90
200
dB
500
5K
2K
10K
Hz
100
x9.
F9x
øMq9R±R9.


Similar Part No. - HSB36AC

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSB36AA JLWORLD-HSB36AA Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSB36AA-8 JLWORLD-HSB36AA-8 Datasheet
1Mb / 1P
Specification for other impedance is available upon request
More results

Similar Description - HSB36AC

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSB28AE JLWORLD-HSB28AE Datasheet
714Kb / 1P
Specification for other impedance is available upon request
HSB30S JLWORLD-HSB30S Datasheet
591Kb / 1P
Specification for other impedance is available upon request
HSB36AA JLWORLD-HSB36AA Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSB36W JLWORLD-HSB36W Datasheet
677Kb / 1P
Specification for other impedance is available upon request
HSB2030C JLWORLD-HSB2030C Datasheet
765Kb / 1P
Specification for other impedance is available upon request
HSB3212A JLWORLD-HSB3212A Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSP50E JLWORLD-HSP50E Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSP3040B JLWORLD-HSP3040B Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSR08E JLWORLD-HSR08E Datasheet
688Kb / 1P
Specification for other impedance is available upon request
HSS1010A JLWORLD-HSS1010A Datasheet
2Mb / 1P
Specification for other impedance is available upon request
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com