Electronic Components Datasheet Search
  English  ▼

X  

HSB66B Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HSB66B
Description  Specification for other impedance is available upon request
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HSB66B Datasheet(HTML) 1 Page - JL World Company Limited.

  HSB66B Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPEAKER SOUND GENERATORS
Specification (all data taken at 25°C unless otherwise specified)
Coil
Impedance
(Ω)
8 ± 15%
Operating
Temperature
(°C)
-25 ~ +60
*Sound Pressure
Level at 1KHz
(dB)
85 ± 3
Rated
Power
(W)
1
Maximum
Input Power
(W)
2
*Frequency
Range
(Hz)
400 ~ 4000
Resonance
Frequency
(Hz)
400 ± 20%
Storage
Temperature
(°C)
-25 ~ +60
The specification are only for 8Ω version. Specification for other impedance is available upon request.
*Value normalized to 1W input power and 1m measuring distance.
HSB66B
www.jlworld.com
Dimensions
Unit : mm
Tolerance : ±0.3mm
Frequency Response
Normalization to 1W Input Power and
1m Measuring Distance
HSB66B-8


Similar Part No. - HSB66B

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSB647A HSMC-HSB647A Datasheet
50Kb / 4P
SILICON PNP EPITAXIAL
HSB649A HSMC-HSB649A Datasheet
32Kb / 3P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HSB66B

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSB28AE JLWORLD-HSB28AE Datasheet
714Kb / 1P
Specification for other impedance is available upon request
HSB30S JLWORLD-HSB30S Datasheet
591Kb / 1P
Specification for other impedance is available upon request
HSB36AA JLWORLD-HSB36AA Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSB36AC JLWORLD-HSB36AC Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSB36W JLWORLD-HSB36W Datasheet
677Kb / 1P
Specification for other impedance is available upon request
HSB2030C JLWORLD-HSB2030C Datasheet
765Kb / 1P
Specification for other impedance is available upon request
HSB3212A JLWORLD-HSB3212A Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSP50E JLWORLD-HSP50E Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSR08E JLWORLD-HSR08E Datasheet
688Kb / 1P
Specification for other impedance is available upon request
HSS1010A JLWORLD-HSS1010A Datasheet
2Mb / 1P
Specification for other impedance is available upon request
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com