Electronic Components Datasheet Search
  English  ▼

X  

UF601G-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF601G-AA3-R
Description  N-CHANNEL DEPLETION-MODE POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF601G-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF601G-AA3-R Datasheet HTML 1Page - Unisonic Technologies UF601G-AA3-R Datasheet HTML 2Page - Unisonic Technologies UF601G-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF601
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-699.H
0.185A, 600V N-CHANNEL
DEPLETION-MODE POWER
MOSFET
DESCRIPTION
The UTC UF601 is an N-channel power MOSFET using UTC’s
advanced technology to provide the customers with high switching
speed.
FEATURES
* RDS(ON) < 120Ω @ VGS=0V, ID=3mA
* High Switching Speed
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
UF601G-AA3-R
SOT-223
S
G
D
Tape Reel
UF601G-AE3-R
SOT-23
S
G
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING
SOT-223
SOT-23


Similar Part No. - UF601G-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF601G-AE3-R UTC-UF601G-AE3-R Datasheet
173Kb / 3P
0.185A, 600V N-CHANNEL DEPLETION-MODE POWER MOSFET
More results

Similar Description - UF601G-AA3-R

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
N-Channel Depletion-Mode MOSFET
logo
TEMIC Semiconductors
ND2020 TEMIC-ND2020 Datasheet
76Kb / 4P
N-Channel Depletion-Mode MOSFET Transistors
logo
Unisonic Technologies
UF601 UTC-UF601 Datasheet
173Kb / 3P
0.185A, 600V N-CHANNEL DEPLETION-MODE POWER MOSFET
logo
Bruckewell Technology L...
DMS05N60 BWTECH-DMS05N60 Datasheet
565Kb / 3P
N-Channel Depletion-Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM126 TSC-TSM126 Datasheet
601Kb / 7P
N-Channel Depletion-Mode MOSFET
logo
Unisonic Technologies
2N65-C UTC-2N65-C Datasheet
247Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
3N60K-MK UTC-3N60K-MK Datasheet
255Kb / 7P
N-CHANNEL DEPLETION-MODE POWER MOSFET
11N60K-MT UTC-11N60K-MT Datasheet
220Kb / 6P
N-CHANNEL DEPLETION-MODE POWER MOSFET
UF601Q UTC-UF601Q Datasheet
178Kb / 3P
N-CHANNEL DEPLETION-MODE POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com