Electronic Components Datasheet Search
  English  ▼

X  

PE2CP1006 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE2CP1006
Description  Dual Directional 50 dB SC Coupler From 20 MHz to 1,000 MHz Rated To 1000 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1006 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE2CP1006 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1006 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1006 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Dual Directional 50 dB SC Coupler From 20 MHz to 1,000 MHz Rated To 1000 Watts from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Dual Directional 50 dB SC Coupler From 20 MHz to 1,000 MHz Rated To 1000 Watts PE2CP1006
URL: http://www.pasternack.com/dual-directional-50-db-sc-coupler-20-1000-mhz-1000-watts-pe2cp1006-p.aspx
PE2CP1006
PE2CP1006 REV 1.0
Dual Directional 50 dB SC Coupler From 20 MHz
to 1,000 MHz Rated To 1000 Watts



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com