Electronic Components Datasheet Search
  English  ▼

X  

PE2CP1008 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2CP1008
Description  Dual Directional 50 dB N Coupler From 80 MHz to 1,000 MHz Rated To 1000 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1008 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2CP1008 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1008 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1008 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
N Female
Connector 2
N Female
Coupled Connectors
N Female
Design
Dual Directional Coupler
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
80
1,000
MHz
Directivity
20
dB
Impedance
50
Ohms
Insertion Loss
0.25
dB
Input Power
1
KWatts
Input VSWR
1.3:1
Coupling Value
50
dB
Coupling Tolerance
± 1
dB
Coupling Flatness
±0.5
dB
.
Mechanical Specifications
Temperature
Operating Range
+85 to -55 deg C
Size
Length
3 in [76.2 mm]
Width/Dia.
1.09 in [27.69 mm]
Height
3 in [76.2 mm]
.
Housing Material and Plating
Aluminum Alloy, Chem Film
Connectors
Description
Connector 1
Connector 2
Coupled Connectors
Type
N Female
N Female
N Female
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Dual Directional 50 dB N Coupler From 80 MHz to 1,000 MHz Rated To 1000 Watts
PE2CP1008
PE2CP1008
PE2CP1008 REV 1.0
Dual Directional 50 dB N Coupler From 80 MHz
to 1,000 MHz Rated To 1000 Watts


Similar Part No. - PE2CP1008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1000 PASTERNACK-PE2CP1000 Datasheet
351Kb / 3P
Dual Directional 50 dB N Coupler From 2 MHz
PE2CP1001 PASTERNACK-PE2CP1001 Datasheet
349Kb / 3P
Dual Directional 50 dB SMA Coupler From 20 MHz to 520 MHz Rated To 200 Watts
PE2CP1002 PASTERNACK-PE2CP1002 Datasheet
350Kb / 3P
Dual Directional 50 dB N Coupler From 20 MHz to 500 MHz Rated To 500 Watts
PE2CP1003 PASTERNACK-PE2CP1003 Datasheet
354Kb / 3P
Dual Directional 50 dB N Coupler From 20 MHz to 500 MHz Rated To 1000 Watts
PE2CP1004 PASTERNACK-PE2CP1004 Datasheet
349Kb / 3P
Dual Directional 50 dB SMA Coupler From 20 MHz to 1,000 MHz Rated To 200 Watts
More results

Similar Description - PE2CP1008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1003 PASTERNACK-PE2CP1003 Datasheet
354Kb / 3P
Dual Directional 50 dB N Coupler From 20 MHz to 500 MHz Rated To 1000 Watts
PE2CP1004 PASTERNACK-PE2CP1004 Datasheet
349Kb / 3P
Dual Directional 50 dB SMA Coupler From 20 MHz to 1,000 MHz Rated To 200 Watts
PE2CP1005 PASTERNACK-PE2CP1005 Datasheet
351Kb / 3P
Dual Directional 50 dB N Coupler From 20 MHz to 1,000 MHz Rated To 500 Watts
PE2CP1006 PASTERNACK-PE2CP1006 Datasheet
352Kb / 3P
Dual Directional 50 dB SC Coupler From 20 MHz to 1,000 MHz Rated To 1000 Watts
PE2217-10 PASTERNACK-PE2217-10 Datasheet
213Kb / 3P
Dual Directional 10 dB SMA Coupler From 500 MHz to 1,000 MHz Rated To 10 Watts
PE2217-20 PASTERNACK-PE2217-20 Datasheet
212Kb / 3P
Dual Directional 20 dB SMA Coupler From 500 MHz to 1,000 MHz Rated To 50 Watts
PE2217-30 PASTERNACK-PE2217-30 Datasheet
213Kb / 3P
Dual Directional 30 dB SMA Coupler From 500 MHz to 1,000 MHz Rated To 50 Watts
PE2CP1020 PASTERNACK-PE2CP1020 Datasheet
349Kb / 3P
Dual Directional 40 dB N Coupler From 100 MHz to 500 MHz Rated To 1000 Watts
PE2CP1021 PASTERNACK-PE2CP1021 Datasheet
353Kb / 3P
Dual Directional 50 dB N Coupler From 80 MHz to 1,000 MHz Rated To 200 Watts
PE2CP1007 PASTERNACK-PE2CP1007 Datasheet
351Kb / 3P
Dual Directional 50 dB N Coupler From 80 MHz to 1,000 MHz Rated To 500 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com