Electronic Components Datasheet Search
  English  ▼

X  

PE2CP1011 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2CP1011
Description  Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 200 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2CP1011 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2CP1011 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2CP1011 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2CP1011 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
N Female
Connector 2
N Female
Coupled Connectors
SMA Female
Design
Dual Directional Coupler
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.5
2.5
GHz
Directivity
18
dB
Impedance
50
Ohms
Insertion Loss
0.3
dB
Input Power
200
Watts
Input VSWR
1.25:1
Coupling Value
40
dB
Coupling Tolerance
± 1
dB
Coupling Flatness
±0.5
dB
.
Mechanical Specifications
Size
Length
2.5 in [63.5 mm]
Width/Dia.
1.11 in [28.19 mm]
Height
1.3 in [33.02 mm]
.
Housing Material and Plating
Aluminum Alloy, Chem Film
Connectors
Description
Connector 1
Connector 2
Coupled Connectors
Type
N Female
N Female
SMA Female
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 200 Watts PE2CP1011
PE2CP1011
PE2CP1011 REV 1.0
Dual Directional 40 dB N Coupler From 500 MHz
to 2.5 GHz Rated To 200 Watts


Similar Part No. - PE2CP1011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1010 PASTERNACK-PE2CP1010 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 100 MHz to 500 MHz Rated To 500 Watts
PE2CP1012 PASTERNACK-PE2CP1012 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 500 Watts
PE2CP1013 PASTERNACK-PE2CP1013 Datasheet
349Kb / 3P
Dual Directional 40 dB N Coupler From 500 MHz to 3 GHz Rated To 200 Watts
PE2CP1014 PASTERNACK-PE2CP1014 Datasheet
351Kb / 3P
Dual Directional 40 dB SMA Coupler From 800 MHz to 2.5 GHz Rated To 200 Watts
PE2CP1015 PASTERNACK-PE2CP1015 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 800 MHz to 2.5 GHz Rated To 500 Watts
More results

Similar Description - PE2CP1011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2CP1002 PASTERNACK-PE2CP1002 Datasheet
350Kb / 3P
Dual Directional 50 dB N Coupler From 20 MHz to 500 MHz Rated To 500 Watts
PE2CP1009 PASTERNACK-PE2CP1009 Datasheet
351Kb / 3P
Dual Directional 40 dB SMA Coupler From 100 MHz to 500 MHz Rated To 200 Watts
PE2CP1010 PASTERNACK-PE2CP1010 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 100 MHz to 500 MHz Rated To 500 Watts
PE2CP1012 PASTERNACK-PE2CP1012 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 500 MHz to 2.5 GHz Rated To 500 Watts
PE2CP1013 PASTERNACK-PE2CP1013 Datasheet
349Kb / 3P
Dual Directional 40 dB N Coupler From 500 MHz to 3 GHz Rated To 200 Watts
PE2CP1014 PASTERNACK-PE2CP1014 Datasheet
351Kb / 3P
Dual Directional 40 dB SMA Coupler From 800 MHz to 2.5 GHz Rated To 200 Watts
PE2CP1015 PASTERNACK-PE2CP1015 Datasheet
350Kb / 3P
Dual Directional 40 dB N Coupler From 800 MHz to 2.5 GHz Rated To 500 Watts
PE2CP1016 PASTERNACK-PE2CP1016 Datasheet
351Kb / 3P
Dual Directional 40 dB N Coupler From 800 MHz to 4.2 GHz Rated To 200 Watts
PE2CP1020 PASTERNACK-PE2CP1020 Datasheet
349Kb / 3P
Dual Directional 40 dB N Coupler From 100 MHz to 500 MHz Rated To 1000 Watts
PE2CP1023-30 PASTERNACK-PE2CP1023-30 Datasheet
442Kb / 6P
Directional 30 dB N Coupler From 800 MHz to 2.5 GHz Rated to 60 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com