Electronic Components Datasheet Search
  English  ▼

X  

PE80T1002 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE80T1002
Description  Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80T1002 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE80T1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80T1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80T1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80T1002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80T1002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE80T1002 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TECHNICAL DATA SHEET
Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz PE80T1002
URL:
http://www.pasternack.com/2.92mm-frequency-detector-16-40-ghz-pe80t1002-p.aspx
PE80T1002
PE80T1002 REV 1.0
Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com