Electronic Components Datasheet Search
  English  ▼

X  

PE1012 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1012
Description  Aluminum Mounting Bracket for RF Tapper Type 3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1012 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1012 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Aluminum Mounting Bracket for RF Tapper Type 3
Configuration
Description
Aluminum Mounting Bracket for RF Tapper Type 3
Body Material and Plating
Aluminum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
See Drawing For Compatibility Table.
Aluminum Mounting Bracket for RF Tapper Type 3 from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Aluminum Mounting Bracket for RF Tapper Type 3 PE1012
URL: http://www.pasternack.com/aluminum-mounting-bracket-for-rf-tapper-type-3-pe1012-p.aspx
PE1012
PE1012 REV 1.0
Aluminum Mounting Bracket for RF Tapper Type 3


Similar Part No. - PE1012

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
PE1012KH DOINGTER-PE1012KH Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - PE1012

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
BAS-5104 BUD-BAS-5104 Datasheet
20Kb / 1P
SLIDE MOUNTING BRACKET
MB-1266 BUD-MB-1266 Datasheet
34Kb / 1P
TRIANGULAR MOUNTING BRACKET
logo
Pasternack Enterprises,...
PE1010 PASTERNACK-PE1010 Datasheet
260Kb / 2P
Aluminum Mounting Bracket for RF Tapper Type 1
PE1011 PASTERNACK-PE1011 Datasheet
246Kb / 2P
Aluminum Mounting Bracket for RF Tapper Type 2
logo
PULS GmbH
ZM3.WALL PULS-ZM3.WALL Datasheet
101Kb / 1P
WALL MOUNTING BRACKET
logo
Ningbo Tianbo Ganglian ...
TRV4 TIANBO-TRV4 Datasheet
1Mb / 3P
optional mounting bracket
logo
WAGO Kontakttechnik Gmb...
858-110 WAGO-858-110 Datasheet
90Kb / 3P
Mounting bracket
logo
Ultralife Corporation.
UCA-X5 ULTRALIFE-UCA-X5 Datasheet
481Kb / 2P
Slender aluminum bracket permits multiple mounting locations
Rev: B
logo
Festo Corporation.
2721419 FESTO-2721419 Datasheet
66Kb / 1P
Mounting bracket
7/21/22
550217 FESTO-550217 Datasheet
68Kb / 1P
Mounting bracket
7/21/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com