Electronic Components Datasheet Search
  English  ▼

X  

PE8732 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8732
Description  5 Section Tunable Band Pass Filter With N Female Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8732 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8732 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8732 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8732 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
5 Section Tunable Band Pass Filter With N Female Connectors Operating From 1 GHz to 2 GHz With a
5% Bandwidth
Pasternack’s Tunable Band Pass Filters and Band Reject Filters (also referred to as Band-Stop filters or Band-Rejection
filters) are available in tunable frequency ranges from 100 MHz to 3 GHz. Tunable RF filter products are bench top units
that are ideal for reducing harmonics and noise levels with lab-grade precision. The average power rating of these tunable
filter components is 50 Watts and have a dial accuracy of 1%. Both the 3 section and 5 section bandpass and band-reject
filters have a nominal 5% bandwidth that is tunable across the filter’s frequency range.
• Available in both Band pass and Band reject
• 100 MHz to 3 GHz Frequency Ranges
• Typical VSWR is 1.5:1
• N-Type Connectors
Configuration
Design
Tunable Filter
Connector 1
N Female
Connector 2
N Female
Electrical Specifications
Useable Frequency Range, GHz
1 to 2
Nominal Bandwidth, %
5
30 dB / 3 dB Ratio
2.2:1
50 dB / 3 dB Ratio
3.5:1
Tuning Dial Accuracy, %
1
Maximum VSWR
1.5:1
Maximum Insertion Loss, dB
1
Impedance, Ohms
50
Maximum Input Power, Watts
50
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +85
Storage Range, deg C
-55 to +125
Size
Length, in [mm]
7.25 [184.15]
Width, in [mm]
2.75 [69.85]
Height, in [mm]
2.9 [73.66]
.
Connector 1
Type
N Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 5 Section Tunable Band Pass Filter With N Female Connectors Operating From 1 GHz to
2 GHz With a 5% Bandwidth PE8732
PE8732
PE8732 REV 1.0
5 Section Tunable Band Pass Filter With N Female Connectors
Operating From 1 GHz to 2 GHz With a 5% Bandwidth


Similar Part No. - PE8732

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8730 PASTERNACK-PE8730 Datasheet
257Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8731 PASTERNACK-PE8731 Datasheet
256Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8733 PASTERNACK-PE8733 Datasheet
381Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8734 PASTERNACK-PE8734 Datasheet
257Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
PE8735 PASTERNACK-PE8735 Datasheet
257Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
More results

Similar Description - PE8732

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8728 PASTERNACK-PE8728 Datasheet
256Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8729 PASTERNACK-PE8729 Datasheet
255Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8730 PASTERNACK-PE8730 Datasheet
257Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8731 PASTERNACK-PE8731 Datasheet
256Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8733 PASTERNACK-PE8733 Datasheet
381Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8734 PASTERNACK-PE8734 Datasheet
257Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
PE8735 PASTERNACK-PE8735 Datasheet
257Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
PE8736 PASTERNACK-PE8736 Datasheet
257Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
PE8737 PASTERNACK-PE8737 Datasheet
257Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
PE8738 PASTERNACK-PE8738 Datasheet
258Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com