Electronic Components Datasheet Search
  English  ▼

X  

PE8733 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8733
Description  5 Section Tunable Band Pass Filter With N Female Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8733 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8733 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8733 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8733 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Pasternack’s Tunable Band Pass Filters and Band Reject Filters (also referred to as Band-Stop filters or Band-Rejection
filters) are available in tunable frequency ranges from 100 MHz to 3 GHz. Tunable RF filter products are bench top units that
are ideal for reducing harmonics and noise levels with lab-grade precision. The average power rating of these tunable filter
components is 50 Watts and have a dial accuracy of 1%. Both the 3 section and 5 section bandpass and band-reject filters
have a nominal 5% bandwidth that is tunable across the filter’s frequency range.
•
Available in both Band pass and Band reject
•
100 MHz to 3 GHz Frequency Ranges
•
Typical VSWR is 1.5:1
•
N-Type Connectors
Configuration
Design
Tunable Filter
Connector 1
N Female
Connector 2
N Female
Electrical Specifications
Useable Frequency Range, GHz
1.5 to 3
Nominal Bandwidth, %
5
30 dB / 3 dB Ratio
2.2:1
50 dB / 3 dB Ratio
3.5:1
Tuning Dial Accuracy, %
1
Maximum VSWR
1.5:1
Maximum Insertion Loss, dB
1
Impedance, Ohms
50
Maximum Input Power, Watts
50
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +85
Storage Range, deg C
-55 to +125
Size
Length, in [mm]
7.25 [184.15]
Width, in [mm]
2.87 [72.9]
Height, in [mm]
2.75 [69.85]
.
Connector 1
Type
N Female
Connector 2
Type
N Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 5 Section Tunable Band Pass Filter With N Female Connectors Operating From 1.5 GHz to
3 GHz With a 5% Bandwidth PE8733
PE8733
PE8733 REV 1.1
5 Section Tunable Band Pass Filter With N Female Connectors
Operating From 1.5 GHz to 3 GHz With a 5% Bandwidth


Similar Part No. - PE8733

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8730 PASTERNACK-PE8730 Datasheet
257Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8731 PASTERNACK-PE8731 Datasheet
256Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8732 PASTERNACK-PE8732 Datasheet
257Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8734 PASTERNACK-PE8734 Datasheet
257Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
PE8735 PASTERNACK-PE8735 Datasheet
257Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
More results

Similar Description - PE8733

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8728 PASTERNACK-PE8728 Datasheet
256Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8729 PASTERNACK-PE8729 Datasheet
255Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8730 PASTERNACK-PE8730 Datasheet
257Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8731 PASTERNACK-PE8731 Datasheet
256Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8732 PASTERNACK-PE8732 Datasheet
257Kb / 3P
5 Section Tunable Band Pass Filter With N Female Connectors
PE8734 PASTERNACK-PE8734 Datasheet
257Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
PE8735 PASTERNACK-PE8735 Datasheet
257Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
PE8736 PASTERNACK-PE8736 Datasheet
257Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
PE8737 PASTERNACK-PE8737 Datasheet
257Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
PE8738 PASTERNACK-PE8738 Datasheet
258Kb / 3P
3 Section Tunable Band Reject Filter With N Female Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com