Electronic Components Datasheet Search
  English  ▼

X  

HSR08E Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HSR08E
Description  Specification for other impedance is available upon request
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HSR08E Datasheet(HTML) 1 Page - JL World Company Limited.

  HSR08E Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPEAKERqSOUNDqGENERATORS
SpecificationgPallgdatagtakengatg3K°UgunlessgotherwisegspecifiedW
Uoilg
Impedanceg
PΩW
zBg±gzK+
Operating
Temperature
P°UW
FzHg~gx9H
Ratedg
Power
PmWW
z
Maximum
InputgPower
PmWW
3
MFrequency
Range
PHzW
zKHg~gSHHH
MSensitivitygg
atgzKHz
PdLW
DHqDg±gS
TotalgHarmonicg
Aistortion
PHzW
VK+
Storage
Temperature
P°UW
FzHg~gx9H
ThegspecificationgaregonlygforgzBΩgversionqgSpecificationgforgothergimpedancegisgavailablegupongrequestq
MValuegapplied<gzmWginputgpower*gbasedgongI4UFRSz.gstandardq
HSR08E
www.jlworld.com
Dimensions
Unitg<gmm
Toleranceg<g±HqSmm
FrequencyqResponse
JppliedgVoltage<gzmW*gSinegWave
LasedgongI4UFRSz.gStandard
HSRH.4FzB
1K
200
100
90
80
500
2K
5K
Hz
10K
100
70
110
20
dB
vqH


Similar Part No. - HSR08E

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
HSR05LC HUIXIN-HSR05LC Datasheet
695Kb / 4P
Ultra Low Capacitance ESD Protection Diodes Array
logo
JL World Company Limite...
HSR0612A JLWORLD-HSR0612A Datasheet
583Kb / 1P
SPEAKER SOUND GENERATORS
HSR0615C-32 JLWORLD-HSR0615C-32 Datasheet
88Kb / 1P
SPEAKER SOUND GENERATORS
HSR09A JLWORLD-HSR09A Datasheet
440Kb / 1P
Specification for other impedance is available upon request
HSR09A-16 JLWORLD-HSR09A-16 Datasheet
440Kb / 1P
Specification for other impedance is available upon request
More results

Similar Description - HSR08E

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSB28AE JLWORLD-HSB28AE Datasheet
714Kb / 1P
Specification for other impedance is available upon request
HSB30S JLWORLD-HSB30S Datasheet
591Kb / 1P
Specification for other impedance is available upon request
HSB36AA JLWORLD-HSB36AA Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSB36AC JLWORLD-HSB36AC Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSB36W JLWORLD-HSB36W Datasheet
677Kb / 1P
Specification for other impedance is available upon request
HSB2030C JLWORLD-HSB2030C Datasheet
765Kb / 1P
Specification for other impedance is available upon request
HSB3212A JLWORLD-HSB3212A Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSP50E JLWORLD-HSP50E Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSP3040B JLWORLD-HSP3040B Datasheet
1Mb / 1P
Specification for other impedance is available upon request
HSS1010A JLWORLD-HSS1010A Datasheet
2Mb / 1P
Specification for other impedance is available upon request
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com