Electronic Components Datasheet Search
  English  ▼

X  

ML620Q536 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ML620Q536
Description  Ultra Low Power 16-bit Microcontroller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML620Q536 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ML620Q536 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML620Q536 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML620Q536 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML620Q536 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML620Q536 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML620Q536 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML620Q536 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML620Q536 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML620Q536 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PEDL620Q53x_54x_55x-06
ML620Q53x/54x/55x
2/9
• Time base counter (TBC)
− Low-speed time base counter ×2 channels (1 channel is for Real time clock)
− Generate 32kHz~1Hz signal by dividing Low-speed clock(32.768kHz)
− Interruption generates function, Frequency correct function.
• Timers (TMR)
− 8 bits × 12 channels
(Timer0-B: Available 16-bit x 6 configuration by using Timer0-1 or Timer2-3, Timer4-5, Timer6-7,
Timer8-9, TimerA-B)
− Selection of one shot timer mode is available.
− External clock can be selected as timer clock.
• Function Timers (FTM)
− 16-bit × 8 channels
− 4 operation mode
[Timer mode] function as 16-bit timer
[Capture mode] available input signal pulse width and period measurement.
[PWM1 mode] available 2-duty PWM output by 1 channel
[PWM2 mode] available 1 pair (positive phase/negative phase) PWM output
− Output logic switch function (positive logic/negative logic)
− Interrupt generate (period/duty/capture/accord with setting)
− Sequential/One shot mode
− Available dead time setting
− An event trigger (external pin input interrupt or timer interrupt request) can control start/stop/clear of the timer
− Available external input emergency stop and emergency stop interrupt
• 3-phase motor PWM
- Asynchronous PWM (Triangle wave modulation 3-phase PWM) x 1 channel (PWM: 6 output)
- Available dead time setting
• Watchdog timer (WDT)
− Non-makeable interrupts and resets (generate interrupt at 1st overflow, generate reset at 2nd overflow)
− Free running
− Overflow period: 4 types selectable (125ms, 500ms, 2s, and 8s when LSCLK = 32.768 kHz)
− Watchdog timer status flag :(active/inactive) Watchdog timer active detection function(display active status)
• Real time clock (RTC)
− 1 channel (Calendar (up to 99 years), Alarm, Time adjustment, 1Hz clock output)
− Automatic leap year correction
− Regular interrupts (0.5s, 1s, 1 minute,)
− Alarm interrupt × 2 channels (day of the week, hour, minute; month, day hour, minute)
• Synchronous serial port (SSIOF)
− with 4-byte transmits and receives FIFOs (SSIOF) : 2 channels
− Master/Slave selectable
− LSB first/MSB first selectable
− 8-bit length/16-bit lengths are selectable
− Phase/Polarity of clock is selectable
− Supports slave-select signal
• UART/UART-F
− without FIFOs (UART) : 1ch
− with 4-bytes transmits and receives FIFOs (UARTF) : 4ch
− Full duplex buffer system
− Communication speed: Settable within the range of 2400bps to 115200bps.
− Programmable interface (data length, parity, stop bits selectable)
− bit length, parity/no parity, odd/even parity, 1/2 stop bit selectable
− positive logic/negative logic selectable
− LIN bus correspondence is possible by software
− build-in baud rate generator



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com