Electronic Components Datasheet Search
  English  ▼

X  

TLE5012BD Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE5012BD
Description  GMR-Based Dual Die Angle Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5012BD Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE5012BD Datasheet HTML 8Page - Infineon Technologies AG TLE5012BD Datasheet HTML 9Page - Infineon Technologies AG TLE5012BD Datasheet HTML 10Page - Infineon Technologies AG TLE5012BD Datasheet HTML 11Page - Infineon Technologies AG TLE5012BD Datasheet HTML 12Page - Infineon Technologies AG TLE5012BD Datasheet HTML 13Page - Infineon Technologies AG TLE5012BD Datasheet HTML 14Page - Infineon Technologies AG TLE5012BD Datasheet HTML 15Page - Infineon Technologies AG TLE5012BD Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
TLE5012BD
Pre-Configured Derivates
Data Sheet
12
Rev. 1.1, 2015-03-12
5
Pre-Configured Derivates
Derivates of the TLE5012BD are available with different pre-configured register settings for specific applications.
The configuration of all derivates can be changed via SSC interface. A detailed table of settings of the derivates
can be found in the latest TLE5012B Register Setting User Manual
5.1
IIF-type: E1200
The TLE5012BD-E1200 is preconfigured for Incremental Interface and fast angle update rate (42.7
μs). It is most
suitable for BLDC motor commutation.
•
Autocalibration mode 1 enabled.
•
Prediction disabled.
•
Hysteresis is set to 0.625°.
•
12bit mode, one count per 0.088° angle step.
•
Incremental Interface A/B mode.
5.2
SPC-type: E9200
The TLE5012BD-E9200 is preconfigured for Short-PWM-Code interface. It is most suitable for steering angle and
actuator position sensing.
•
Angle update time is 85.4
μs.
•
Autocalibration, Prediction, and Hysteresis are disabled.
•
SPC unit time is 3
μs.
•
SPC interface is set to open-drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com