Electronic Components Datasheet Search
  English  ▼

X  

PIC16LC71-10E/SS Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16LC71-10E/SS
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-10E/SS Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16LC71-10E/SS Datasheet HTML 87Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 88Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 89Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 90Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 91Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 92Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 93Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 94Page - Microchip Technology PIC16LC71-10E/SS Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 91
PIC16C71X
Applicable Devices
710 71 711 715
11.2
DC Characteristics:
PIC16LC710-04 (Commercial, Industrial, Extended)
PIC16LC711-04 (Commercial, Industrial, Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0˚C
≤ TA ≤ +70˚C (commercial)
-40˚C
≤ TA ≤ +85˚C (industrial)
-40˚C
≤ TA ≤ +125˚C (extended)
Param
No.
Characteristic
Sym
Min
Typ† Max Units
Conditions
D001
Supply Voltage
Commercial/Industrial
Extended
VDD
VDD
2.5
3.0
-
-
6.0
6.0
V
V
LP, XT, RC osc configuration (DC - 4 MHz)
LP, XT, RC osc configuration (DC - 4 MHz)
D002*
RAM Data Retention
Voltage (Note 1)
VDR
-
1.5
-
V
D003
VDD start voltage to
ensure internal Power-
on Reset signal
VPOR
-
VSS
-
V
See section on Power-on Reset for details
D004*
VDD rise rate to ensure
internal Power-on
Reset
signal
SVDD
0.05
-
-
V/ms See section on Power-on Reset for details
D005
Brown-out Reset
Voltage
BVDD
3.7
4.0
4.3
V
BODEN configuration bit is enabled
D010
D010A
D015
Supply Current
(Note 2)
Brown-out Reset
Current (Note 5)
IDD
∆IBOR
-
-
-
2.0
22.5
300*
3.8
48
500
mA
µA
µA
XT, RC osc configuration
FOSC = 4 MHz, VDD = 3.0V (Note 4)
LP osc configuration
FOSC = 32 kHz, VDD = 3.0V, WDT disabled
BOR enabled VDD = 5.0V
D020
D021
D021A
D021B
D023
Power-down Current
(Note 3)
Brown-out Reset
Current (Note 5)
IPD
∆IBOR
-
-
-
-
-
7.5
0.9
0.9
0.9
300*
30
5
5
10
500
µA
µA
µA
µA
µA
VDD = 3.0V, WDT enabled, -40
°C to +85°C
VDD = 3.0V, WDT disabled, 0
°C to +70°C
VDD = 3.0V, WDT disabled, -40
°C to +85°C
VDD = 3.0V, WDT disabled, -40
°C to +125°C
BOR enabled VDD = 5.0V
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: This is the limit to which VDD can be lowered without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern, and temperature also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tristated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3:
The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD and VSS.
4:
For RC osc configuration, current through Rext is not included. The current through the resistor can be esti-
mated by the formula Ir = VDD/2Rext (mA) with Rext in kOhm.
5: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com