Electronic Components Datasheet Search
  English  ▼

X  

237-063 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 237-063
Description  Special Hermetic Jam Nut Mount Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

237-063 Datasheet(HTML) 1 Page - Glenair, Inc.

  237-063 Datasheet HTML 1Page - Glenair, Inc. 237-063 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
B-60
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
237-063
Special Hermetic Jam Nut Mount Receptacle
Bulkhead Feed-Thru with P.C. Tail Contacts
for MIL-DTL-38999 Series III Type
Shell Size
(See Table I)
Polarization
A, B, C, D, E
(
N = Normal)
Contact
Termination Style
C - Pin, PCB
Connector Series
237 - D38999 Series III Type
237 - 063 Z1 9 - 35 C N
Connector Type
063 - Hermetic
Bulkhead Feed-Thru
Connector Material and Finish
Z1 - CRES, Passivated
ZW - CRES, Fused Tin Plate
P - CRES, Nickel Finish
Insert
Arrangement
Per
MIL-DTL-38999
Series III
MIL-STD-1560
Master Keyway
Ø B
D
Flat
C Sq
See Note 3
Ø L
Standoff
.190 (4.8)
.160 (4.1)
Jam Nut Per D38999/28
E Thread
A Thread
Ø M
(PC Tail Option)
.025 (0.6)
Standoff
F
.889 (22.6)
Max
G
Panel
Thickness
.520 (13.2) Max
.415 (10.5)
.374 (9.5)
Pin Contact
Location
Fully Mated
Red Indicator Band
See Note 1
J Max


Similar Part No. - 237-063

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
237-033 GLENAIR-237-033 Datasheet
284Kb / 2P
Jam Nut Mount Hermetic with Double O-Rings
237-051 GLENAIR-237-051 Datasheet
273Kb / 2P
Special Narrow Square Flange Mount Receptacle
More results

Similar Description - 237-063

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
Hermetic Receptacle, Jam Nut Mount
257-255 GLENAIR-257-255 Datasheet
397Kb / 2P
Jam Nut Mount Hermetic Receptacle
231-100-H7 GLENAIR-231-100-H7 Datasheet
252Kb / 1P
Jam Nut Mount Hermetic Receptacle
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
Jam Nut Mount Hermetic Receptacle
257-121 GLENAIR-257-121 Datasheet
1Mb / 2P
Special Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255_15 Datasheet
288Kb / 2P
Jam Nut Mount Hermetic Receptacle
D38999-23 GLENAIR-D38999-23 Datasheet
203Kb / 1P
Jam Nut Mount Hermetic Receptacle
D38999-43 GLENAIR-D38999-43 Datasheet
213Kb / 1P
Jam Nut Mount Hermetic Receptacle
MS27470 GLENAIR-MS27470 Datasheet
192Kb / 1P
Jam Nut Mount Hermetic Receptacle
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com