Electronic Components Datasheet Search
  English  ▼

X  

237-153 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 237-153
Description  Hermetic Dual Flange Jam Nut Mount Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

237-153 Datasheet(HTML) 1 Page - Glenair, Inc.

  237-153 Datasheet HTML 1Page - Glenair, Inc. 237-153 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
B-62
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
237-153
Hermetic Dual Flange Jam Nut Mount Receptacle
for MIL-DTL-38999 Series III Type
Shell Size
(See Table I)
Polarization
A, B, C, D, E
(
N = Normal)
Contact
Termination Style
C - Pin Face,
PCB Termination
D - Socket Face,
PCB Termination
Connector Series
237 - D38999 Series III Type
237 - 153 Z1 15 - 18 C N
Connector Type
153 - Hermetic Dual
Flange Jam Nut Mount
Connector Material and Finish
Z1 - CRES, Passivated
ZL - CRES, Nickel Plate
ZW - CRES, Cadmium, O.D.
Insert
Arrangement
Per
MIL-DTL-38999
Series III
MIL-STD-1560
U
T
Sr
P
N
M
L
K
J
H
G F
E
D
C
B
A
"C"
Hex
"D"
Flat
.131/.125
(3.3/3.2)
Master Keyway
A
B
C
D
E
Fg
H
J
K
L
M
N
P
R S
T
U
#4-40 Thru
Typ 4 Pl
45° Typ
4 Pl
Ø "L"
Interrupted
Ø "J"
Interrupted
Ø "K"
Interruped
Ø "E"
"P"
Typ 4 Pl
"F"
Typ
See Note 4
O-Ring
Jam Nut
"A"
Thread
.100 (2.5)
.250
(6.4)
.172 (4.4)
.132 (3.4)
.510 (13.0) Max
Full-Mate Indicator
.113/.108 (2.9/2.7)
Size 9 - 17
.145/.133 (3.7/3.4)
Size 19 - 25
.675 (17.1)
.671 (17.0)
.889 (22.6)
Max
"B"
Thread
See Note 1


Similar Part No. - 237-153

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
237-127 GLENAIR-237-127 Datasheet
427Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
237-127Z122-41W GLENAIR-237-127Z122-41W Datasheet
427Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
237-127Z122-41X GLENAIR-237-127Z122-41X Datasheet
427Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
237-127Z122-41Y GLENAIR-237-127Z122-41Y Datasheet
427Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
237-127Z122-41Z GLENAIR-237-127Z122-41Z Datasheet
427Kb / 2P
Bayonet Coupling Solder Flange Mount Receptacle
More results

Similar Description - 237-153

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-015Z1-106P GLENAIR-230-015Z1-106P Datasheet
305Kb / 2P
Hermetic Receptacle, Jam Nut Mount
MS27477Y8D GLENAIR-MS27477Y8D Datasheet
446Kb / 2P
Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255 Datasheet
397Kb / 2P
Jam Nut Mount Hermetic Receptacle
231-100-H7 GLENAIR-231-100-H7 Datasheet
252Kb / 1P
Jam Nut Mount Hermetic Receptacle
233-100-H7 GLENAIR-233-100-H7 Datasheet
149Kb / 1P
Jam Nut Mount Hermetic Receptacle
257-255 GLENAIR-257-255_15 Datasheet
288Kb / 2P
Jam Nut Mount Hermetic Receptacle
D38999-23 GLENAIR-D38999-23 Datasheet
203Kb / 1P
Jam Nut Mount Hermetic Receptacle
D38999-43 GLENAIR-D38999-43 Datasheet
213Kb / 1P
Jam Nut Mount Hermetic Receptacle
MS27470 GLENAIR-MS27470 Datasheet
192Kb / 1P
Jam Nut Mount Hermetic Receptacle
MS27477 GLENAIR-MS27477 Datasheet
188Kb / 1P
Jam Nut Mount Hermetic Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com