Electronic Components Datasheet Search
  English  ▼

X  

237-263 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 237-263
Description  Special Micro Circular Quick Disconnect Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

237-263 Datasheet(HTML) 2 Page - Glenair, Inc.

  237-263 Datasheet HTML 1Page - Glenair, Inc. 237-263 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
N-3
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
N
APPLICATION NOTES
1.
Material/Finish:
Shell, Jam Nut - Stainless steel/Passivated.
Insulators - Full glass/N.A.
O-Ring - Fluorosilicone/N.A.
Contacts - Iron-nickel alloy/Gold plate.
2.
Assembly is identified with manufacturer’s name, cage code, part
number and date code, space permitting.
3.
Glenair 237-263 receptacle connector is designed to mate with
Glenair quick disconnect micro circular plug, part number 257-985
having the same shell size and insert arrangement.
4.
Insert arrangement is in accordance with Figure One.
5.
Insert arrangement is shown for reference only.
6.
Perfomance:
Hermeticity - <1X10-6 SccHe/sec @ 1 atmosphere
differential.
D.W.V. - 150 VAC at sea level.
I.R. - 5000 MegaOhms minimum.
7.
Metric dimensions (mm) are in parentheses.
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc Helium per second
–585B
1 x 10-9 cc Helium per second
–585C
1 x 10-8 cc Helium per second
237-263
Special Micro Circular Quick Disconnect Receptacle
Hermetic • Rear panel Jam Nut Mount, PC Tail or Solder Cup
TABLE I: CONNECTOR DIMENSIONS
Shell
Size
A Thread
Class 2A
B
Dia
C
Hex
D
Flat
E Dia
± .005 (0.13)
7
.3750-32 UNEF .565 (14.35) .565 (14.35)
.360 (9.14)
.357 (9.07) .380 (11.1)
19
.5000-28 UNEF .735 (18.67) .735 (18.67) .485 (12.32)
.483 (12.27) .505 (12.7)
Ø
E
Flat
D
Panel Cut-out



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com