Electronic Components Datasheet Search
  English  ▼

X  

237-280 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 237-280
Description  Special Weld Mount Hermetic Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

237-280 Datasheet(HTML) 2 Page - Glenair, Inc.

  237-280 Datasheet HTML 1Page - Glenair, Inc. 237-280 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
B-43
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
TABLE I: Connector Dimensions
Shell
Size
A
Dia
B
Dia
C
Flange
08
.863/.851
(21.9/21.6)
.820/.808
(20.8/20.5)
.134/.118
(3.4/3.0)
10
.984/.972
(25.0/24.7)
.941/.929
(23.9/23.6)
.134/.118
(3.4/3.0)
12
1.106/1.094
(28.1/27.8)
1.063/1.051
(27.0/26.7)
.134/.118
(3.4/3.0)
14
1.232/1.220
(31.3/31.0)
1.189/1.177
(30.2/29.9)
.134/.118
(3.4/3.0)
16
1.358/1.346
(34.5/34.2)
1.315/1.303
(33.4/33.1)
.134/.118
(3.4/3.0)
18
1.445/1.433
(37.7/36.4)
1.402/1.390
(35.6/35.3)
.134/.118
(3.4/3.0)
20
1.591/1.579
(40.4/40.1)
1.547/1.535
(39.3/39.0)
.134/.118
(3.4/3.0)
22
1.732/1.720
(44.0/43.7)
1.689/1.677
(42.9/42.6)
.165/.149
(4.2/3.8)
24
1.898/1.886
(48.2/47.9)
1.854/1.842
(47.1/46.8)
.165/.149
(4.2/3.8)
APPLICATION NOTES
1.
Material/finish:
Shell (Z1) – 304L CRES/passivate per ASTM A-697.
Shell (ZL) – 304L CRES/nickel plate per DTL-38999.
Contacts – 52 Ni-Alloy per AMS-I-23011 Class 2, MIL-DTL-45204 Type II,
Class 1 (.00005 min thick).
Insulator – full glass/N.A.
Bayonets - 300 Series CRES/passivate.
Seals – fluorosilicone blend elastomer/N.A.
2.
Assembly identified with manufacturer's name and part
number, space permitting.
3.
This area IAW MC27478 (MIL-DTL-38999, Series II).
4.
Performance Criteria IAW MIL-DTL-38999.
5.
Metric Dimensions (mm) in parentheses.
237-280
Special Weld Mount Hermetic Receptacle
MIL-DTL-38999 Series II Type (Similar to MS27478Y Series II)
.065 (1.7)
.035 (0.9)
45°
Ø D
For #22D and 20
Contacts Only
(#20 Inactive for New Design)
Ø E
TABLE II: Contact Size
Contact
Size
D
Dia
E
Dia
220
.011/.015
(0.28/0.38)
.0305/.0295
(0.77/0.75)
20
.024/.028
(0.61/0.71)
.041/.039
(1.04/0.99)
16
.0635/.0615
(1.61/1.56)
.0635/.0615
(1.61/1.56)
12
.095/.093
(2.41/2.36)
.095/.093
(2.41/2.36)
10
.126/.124
(3.20/3.15)
.126/.124
(3.20/3.15)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com