Electronic Components Datasheet Search
  English  ▼

X  

PCR0.6A Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # PCR0.6A
Description  TO-92 Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PCR0.6A Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  PCR0.6A Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulate Transistors
PCR 0.6 A Silicon Planar pnpn Thyristor
FEATURES
Current-IGT:
120
µ
A
ITRMS:
0.6
A
VDRM:
400
V
Operating and storage junction temperature range
TJ, Tstg : -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
On state voltage
VTM
ITM=0.6A
1.7
V
Gate trigger voltage
VGTF
VAK=7V
0.8
V
Repetitive peak off-state voltage
VDRM
IDRM= 10µA
400
V
Holding current
IH
IHL= 20mA , Av = 7 V
5
mA
A2
5
15
µA
A1
15
30
µA
A-1
30
45
µA
A-2
45
60
µA
A
60
80
µA
Gate trigger current
IGTF
B
VAR=7V
80
120
µA
1 2 3
TO-92
1. CATHODE
2. GATE
3. ANODE
TIGER ELECTRONIC CO.,LTD


Similar Part No. - PCR0.6A

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
PCR0.6A KEXIN-PCR0.6A Datasheet
275Kb / 2P
Silicon Controlled Rectifiers
More results

Similar Description - PCR0.6A

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
8550 DAYA-8550 Datasheet
680Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L15 DAYA-79L15 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
9013 DAYA-9013 Datasheet
651Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
79L05 DAYA-79L05 Datasheet
778Kb / 1P
TO-92 Plastic-Encapsulate Transistors
MPSA13 DAYA-MPSA13 Datasheet
590Kb / 1P
TO-92 Plastic-Encapsulate Transistors
2SD1616A DAYA-2SD1616A Datasheet
149Kb / 2P
TO-92 Plastic-Encapsulate Transistors
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
TO-92 Plastic-Encapsulate Transistors (TO-92)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com