Electronic Components Datasheet Search
  English  ▼

X  

13FSOCKETS Datasheet(PDF) 1 Page - Hongfa Technology

Part # 13FSOCKETS
Description  RELAY SOCKETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

13FSOCKETS Datasheet(HTML) 1 Page - Hongfa Technology

  13FSOCKETS Datasheet HTML 1Page - Hongfa Technology 13FSOCKETS Datasheet HTML 2Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
58
4<
50q718
K@? iZgb^cVa/
K@? bdjci^c\
NXgZl iZgb^cVa/
AFIgV^a dg NXgZl bdjci^c\/
R^i]dji [^c\Zg egdiZXi^dc
YZk^XZ
C^aZ Id1= B4667;4
.D@PQNDO
:
5;18
63
;
9
50 q718m9
617
7
8
6
:
;
9
8
5
7
6
4
4:18
4715
9
5418
43
51;
EJIDC> MBG>T
FNJ<334/ FNJ2ON49<7< / FNJ47334/ JEN>N4;334/ FB@L L@ 3;3333 @BMOFCFBA
5347 MZk1 4133
;0q518
4817
43
~{} K@? iZgb^cVa/K@? bdjci^c\
46C05U0>5
46C05U0@4
z|. 9LBHDPO
8-3~> 96+2-:9
+0~8~+:-819:1+9
6;:315- ,14-591659x =1815/ ,1~/8~4 ~5, 7+ *6~8, 3~>6;:
Pc^i= bb
bZiVaa^X gZiV^cZg
4;CC0E4
bZiVaa^X gZiV^cZg
4;CC0E5
UWZ jhZY ^c hZihV
OneZ
NXgZl OdgfjZ
Idb^cVa
QdaiV\Z
Idb^cVa
@jggZci
NdX`Zi
K@? GVndji
R^g^c\
A^V\gVb
Jjia^cZ A^bZch^dch
>XXZhhdgn
>kV^aVWaZ
W O]Z Y^ZaZXig^X higZc\i] XVc gZVX] 5333Q>@
VcY i]Z ^chjaVi^dc gZh^hiVcXZ ^h 4333 H
W O]gZZ bdjci^c\ ineZh VgZ VkV^aVWaZ= K@? bdjci^c\/
hXgZl bdjci^c\ VcY AFIgV^a bdjci^c\
W R^i] [^c\Zg egdiZXi^dc YZk^XZ
W @dbedcZcih VkV^aVWaZ= bZiVaa^X gZiV^cZg
W >eea^XVWaZ gZaVn ineZh= EC46C
W Bck^gdcbZciVa [g^ZcYan egdYjXi +MdEN Xdbea^Vci,
+Ode Q^Zl,
+Ode Q^Zl,
+Ode Q^Zl,
46C04U0>5
46C05U0@4
46C05U0@5
5333Q>@
5333Q>@
5333Q>@
583Q>@
583Q>@
583Q>@
43>
43>
43>
073
id :3
073
id :3
073
id :3
000
413IZb
413IZb
000
:bb
:bb
bb5
>RD
000
5 m 518
5 m 518
000
5 m47
5 m47
>bW^Zci
OZbeZgVijgZ
A^ZaZXig^X NigZc\i]
b^c1
R^gZ Nig^e
GZc\i]
HVm l^gZ h^oZ
68,-815/ 15/.684~:165
46C
y5U
{?} 5 Cdgb @
y@4
+LKP@BP @NN@KEDJDKP
:SMD
:DNJGK@PGLKuJLQKPGKE
+z} NXgZl iZgb^cVa/AFIgV^a dg NXgZl bdjci^c\/R^i]dji [^c\Zg egdiZXi^dc YZk^XZ
+{} NXgZlaZhh iZgb^cVa/AFIgV^a dg NXgZl bdjci^c\/R^i] [^c\Zg egdiZXi^dc YZk^XZ


Similar Part No. - 13FSOCKETS

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
13F HONGFA-13F Datasheet
102Kb / 2P
RELAY SOCKETS
13F-2Z-A HONGFA-13F-2Z-A Datasheet
44Kb / 1P
RELAY SOCKET
13F-2Z-A1 HONGFA-13F-2Z-A1 Datasheet
43Kb / 1P
RELAY SOCKET
13F-2Z-A2 HONGFA-13F-2Z-A2 Datasheet
43Kb / 1P
RELAY SOCKET
13F-2Z-A2 HONGFA-13F-2Z-A2 Datasheet
102Kb / 2P
RELAY SOCKETS
More results

Similar Description - 13FSOCKETS

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
41F HONGFA-41F Datasheet
125Kb / 3P
RELAY SOCKETS
49F HONGFA-49F_15 Datasheet
48Kb / 1P
RELAY SOCKETS
118F HONGFA-118F Datasheet
56Kb / 2P
RELAY SOCKETS
13F HONGFA-13F Datasheet
102Kb / 2P
RELAY SOCKETS
118FSOCKETS HONGFA-118FSOCKETS Datasheet
56Kb / 2P
RELAY SOCKETS
41FSOCKETS HONGFA-41FSOCKETS Datasheet
125Kb / 3P
 RELAY SOCKETS
18FFSOCKETS HONGFA-18FFSOCKETS Datasheet
366Kb / 7P
RELAY SOCKETS
14FFSOCKETS HONGFA-14FFSOCKETS Datasheet
140Kb / 5P
RELAY SOCKETS
10FFSOCKETS HONGFA-10FFSOCKETS Datasheet
150Kb / 4P
RELAY SOCKETS
logo
Littelfuse
99025 LITTELFUSE-99025 Datasheet
173Kb / 1P
RELAY SOCKETS
092016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com