Electronic Components Datasheet Search
  English  ▼

X  

BSP612P Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSP612P
Description  Enhancement mode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP612P Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSP612P Datasheet HTML 1Page - Infineon Technologies AG BSP612P Datasheet HTML 2Page - Infineon Technologies AG BSP612P Datasheet HTML 3Page - Infineon Technologies AG BSP612P Datasheet HTML 4Page - Infineon Technologies AG BSP612P Datasheet HTML 5Page - Infineon Technologies AG BSP612P Datasheet HTML 6Page - Infineon Technologies AG BSP612P Datasheet HTML 7Page - Infineon Technologies AG BSP612P Datasheet HTML 8Page - Infineon Technologies AG BSP612P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSP612P
OptiMOS™-P Small-Signal-Transistor
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - soldering point (Pin 4)
R thJS
25
Thermal resistance,
junction - ambient
R thJA
minimal footprint
100
Thermal resistance,
junction - ambient
R thJA
6 cm
2 cooling area1)
-
-
70
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=-250 µA
-
-
-60
V
Gate threshold voltage
V GS(th)
V DS=0 V, I D=-1 mA
-2.0
-1.5
-1.0
Drain-source leakage current
I DSS
V DS=-60V, V GS=0 V,
T j=25 °C
-
-
-40
nA
V DS=-60V, V GS=0V,
T j=150 °C
-
-
-20
mA
Gate-source leakage current
I GSS
V GS=-20V, V DS=0V
-
-
-100
nA
Drain-source on-state resistance
R DS(on)
V GS=-4.5 V, I D=-2.3 A
-
140
170
m
W
V GS=-10 V, I D=-3 A
-
101
120
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=2.44 A
4.6
-
S
Values
1) Device on 40mm x 40mm x 1.5mm epoxy PCB FR4 with 6cm² (one layer, 70µm thick) copper area for drain
connection. PCB is vertical in still air.
K/W
Rev 2.0
page 2
2015-10-07



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com