Electronic Components Datasheet Search
  English  ▼

X  

PE3C0751 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C0751
Description  2.4mm Male to 1.85mm Male Cable Using PE-P086 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0751 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C0751 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0751 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0751 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0751 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Notes:
• Values at +25 °C, sea level
2.4mm Male to 1.85mm Male Cable Using PE-P086 Coax, RoHS from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are part
of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.4mm Male to 1.85mm Male Cable Using PE-P086 Coax, RoHS PE3C0751
URL: http://www.pasternack.com/2.4mm-male-1.85mm-male-pe-p086-cable-assembly-pe3c0751-p.aspx
PE3C0751 REV 1.0
PE3C0751
2.4mm Male to 1.85mm Male Cable Using PE-P086 Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com