Electronic Components Datasheet Search
  English  ▼

X  

PE319 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE319
Description  2.92mm Male to 2.92mm Male VNA Test Cable, ROHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE319 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE319 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE319 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE319 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE319 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
2.92mm Male to 2.92mm Male VNA Test Cable, ROHS
Configuration
Connector 1
2.92mm Male
Connector 1 Specification
MIL-STD-348
Connector 2
2.92mm Male
Connector 2 Specification
MIL-STD-348
Cable Type
VNA Cable
Electrical Specifications
Frequency Range, GHz
DC to 40
Impedance, Ohms
50
Maximum VSWR
1.38:1
Velocity of Propagation, %
77
RF Shielding, dB
100
Dielectric Withstanding Voltage (AC), Vrms
1,000
Typical Performance by Frequency
Frequency 1
Frequency, GHz
10
VSWR
1.12:1
Return Loss, dB
25
Insertion Loss
0.43 dB/ft [ 1.41 dB/m ]
Power Handling, Watts
150
Frequency 2
Frequency, GHz
18
VSWR
1.17:1
Return Loss, dB
22
Insertion Loss
0.59 dB/ft [ 1.94 dB/m ]
Frequency 3
Frequency, GHz
26.5
VSWR
1.22:1
Return Loss, dB
20
Insertion Loss
0.72 dB/ft [ 2.36 dB/m ]
Frequency 4
Frequency, GHz
40
VSWR
1.38:1
Return Loss, dB
16
Insertion Loss
0.9 dB/ft [ 2.95 dB/m ]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male VNA Test Cable, ROHS PE319
PE319 REV 1.0
PE319
2.92mm Male to 2.92mm Male VNA Test Cable, ROHS


Similar Part No. - PE319

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE319-24 PASTERNACK-PE319-24 Datasheet
244Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 24 Inch Length Using VNA Cable Coax, RoHS
PE319-36 PASTERNACK-PE319-36 Datasheet
244Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
PE319-48 PASTERNACK-PE319-48 Datasheet
401Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE319-60 PASTERNACK-PE319-60 Datasheet
401Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE319-72 PASTERNACK-PE319-72 Datasheet
244Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
More results

Similar Description - PE319

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE319-24 PASTERNACK-PE319-24 Datasheet
244Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 24 Inch Length Using VNA Cable Coax, RoHS
PE319-36 PASTERNACK-PE319-36 Datasheet
244Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
PE319-72 PASTERNACK-PE319-72 Datasheet
244Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
PE321-24 PASTERNACK-PE321-24 Datasheet
242Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 24 Inch Length Using VNA Cable Coax, RoHS
PE321-36 PASTERNACK-PE321-36 Datasheet
242Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
PE321-72 PASTERNACK-PE321-72 Datasheet
242Kb / 4P
2.92mm Male to 2.92mm Female Test Cable 72 Inch Length Using VNA Cable Coax, RoHS
PE360 PASTERNACK-PE360 Datasheet
342Kb / 4P
2.92mm Male to 2.92mm Male Test Cable Using PE-P160 Coax, RoHS
PE361 PASTERNACK-PE361 Datasheet
487Kb / 4P
2.92mm Male to 2.92mm Female Test Cable Using PE-P160 Coax, RoHS
PE371 PASTERNACK-PE371 Datasheet
473Kb / 4P
2.92mm Male to 2.92mm Male Cable Using PE-P102 Coax, RoHS
PE3C1377LF PASTERNACK-PE3C1377LF Datasheet
843Kb / 5P
2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com