Electronic Components Datasheet Search
  English  ▼

X  

PE332 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE332
Description  N Male to SMA Male Low Loss Test Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE332 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE332 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE332 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE332 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE332 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE332 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Low Loss N Male to SMA Male Test Cable Using 83% VoP PE-P300LL Coax operating to 18 GHz
The PE330 high performance test cable’s 0.3 inch diameter and 83% phase velocity offer very low loss performance up to
18 GHz. The durable stainless steel connectors and FEP jacket provide a cost effective design ideal for test environments
where a rugged cable assembly is required. The series is offered with Type N, TNC, and SMA connectors all rated to 18
GHz. A heavy Duty boot provides improved strain relief and adds to the durability of the cable assemblies. These cable
assemblies are built using a double shielded flexible cable, providing excellent shielding effectiveness of greater than 95
dB. All PE330 cable assemblies are 100% Continuity, Hi-POT, and RF tested to published specifications. Custom lengths
are built to order and shipped same day.
• 83% Velocity of Propagation
• Shielding effectiveness > 95 dB
• Maximum VSWR is < 1.35:1 to 18 GHz
• Minimum Bend Radius of 1.5 inches
• Operating Temperature range of -55 to +125 °C
• ROHS and REACH Compliant
• Same day shipment of custom lengths
• 100% Continuity, Hi-Pot, and RF tested
Configuration
Connector 1
N Male
Connector 2
SMA Male
Connector 2 Specification
MIL-STD-348, Figure 310-1.
Cable Type
PE-P300LL
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.35:1
Velocity of Propagation, %
83
RF Shielding, dB
95
Typical Performance by Frequency
Frequency 1
Frequency, MHz
400
Insertion Loss
0.03 dB/ft [0.1 dB/m ]
Power Handling, KWatts
2.9
Frequency 2
Frequency, MHz
1000
Insertion Loss
0.05 dB/ft [0.16 dB/m ]
Power Handling, KWatts
1.8
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to SMA Male Low Loss Test Cable Using PE-P300LL Coax, RoHS PE332
PE332 REV 1.0
PE332
N Male to SMA Male Low Loss Test Cable
Using PE-P300LL Coax, RoHS


Similar Part No. - PE332

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE332-100CM PASTERNACK-PE332-100CM Datasheet
357Kb / 5P
ROHS and REACH Compliant
PE332-12 PASTERNACK-PE332-12 Datasheet
357Kb / 5P
ROHS and REACH Compliant
PE332-150CM PASTERNACK-PE332-150CM Datasheet
357Kb / 5P
ROHS and REACH Compliant
PE332-200CM PASTERNACK-PE332-200CM Datasheet
357Kb / 5P
ROHS and REACH Compliant
PE332-24 PASTERNACK-PE332-24 Datasheet
357Kb / 5P
ROHS and REACH Compliant
More results

Similar Description - PE332

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0230-72 PASTERNACK-PE3C0230-72 Datasheet
277Kb / 4P
SMA Male to SMA Male Low Loss Armored Test
PE331 PASTERNACK-PE331 Datasheet
357Kb / 5P
N Male to N Female Low Loss Test Cable
PE334 PASTERNACK-PE334 Datasheet
357Kb / 5P
TNC Male to TNC Male Low Loss Test Cable
PE3C3235 PASTERNACK-PE3C3235 Datasheet
417Kb / 5P
SMA Male to SMA Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PE3M0125 PASTERNACK-PE3M0125 Datasheet
729Kb / 7P
Temperature Conditioned SMA Male to SMA Male Low Loss Cable
PE3M0132 PASTERNACK-PE3M0132 Datasheet
728Kb / 7P
Temperature Conditioned SMA Male to N Male Low Loss Cable
PE3M0180 PASTERNACK-PE3M0180 Datasheet
723Kb / 7P
Temperature Conditioned SMA Male to SMA Male Low Loss Cable
PE3M0186 PASTERNACK-PE3M0186 Datasheet
724Kb / 7P
Temperature Conditioned SMA Male to N Male Low Loss Cable
PE3M0225 PASTERNACK-PE3M0225 Datasheet
716Kb / 7P
Temperature Conditioned SMA Male to SMA Male Low Loss Cable
PE3M0229 PASTERNACK-PE3M0229 Datasheet
718Kb / 7P
Temperature Conditioned SMA Male to N Male Low Loss Cable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com