Electronic Components Datasheet Search
  English  ▼

X  

PE344 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE344
Description  N Male to N Female Bulkhead Low Loss Test Cable Using PE-P142LL Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE344 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE344 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE344 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE344 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE344 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Connector 2
Type
N Female Bulkhead
Connector 2 Specification
MIL-STD-348, Figure 304-2
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488, 50µ In. Minimum
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PEI
Temperature
Temperature Operating Range, deg C
-55 to +125
Diameter, in [mm]
0.875 [22.23]
.
Weight, lbs [g]
0.077 [34.93]
Repeated Minimum Bend Radius, in [mm]
1 [25.4]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
07/19/2006
Plotted and Other Data
Notes:
Values at 25 °C, sea level
N Male to N Female Bulkhead Low Loss Test Cable Using PE-P142LL Coax, RoHS from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Female Bulkhead Low Loss Test Cable Using PE-P142LL Coax, RoHS PE344
URL: http://www.pasternack.com/n-male-n-female-pe-p142ll-cable-assembly-pe344-p.aspx
PE344 REV 1.2
PE344
N Male to N Female Bulkhead Low Loss Test
Cable Using PE-P142LL Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com