Electronic Components Datasheet Search
  English  ▼

X  

PE345 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE345
Description  N Male to N Male Right Angle Low Loss Test Cable Using PE-P142LL Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE345 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE345 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE345 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE345 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE345 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Frequency 4
Frequency, GHz
3
Insertion Loss
0.127 dB/ft [0.42 dB/m ]
Power Handling, Watts
400
Frequency 5
Frequency, GHz
5
Insertion Loss
0.166 dB/ft [0.54 dB/m ]
Power Handling, Watts
300
Frequency 6
Frequency, GHz
10
Insertion Loss
0.24 dB/ft [0.79 dB/m ]
Power Handling, Watts
220
Frequency 7
Frequency, GHz
18
Insertion Loss
0.33 dB/ft [1.08 dB/m ]
Power Handling, Watts
160
Electrical Specification Notes:
Power handling values are calculated based on Cable
properties. Power handling will vary based on the actual
VSWR of the cable assembly.
Mechanical Specifications
Cable
Cable Type
PE-P142LL
No of Shields
3
Dielectric Type
PTFE
Jacket Material
FEP
Cable Color
Green
Jacket Diameter, in [mm]
0.195 [4.95]
Connector 1
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488, 50µ Inch.
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2700
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size, Inch
3/4
Torque, in-lbs [Nm]
14 [1.58]
Dielectric Type
PTFE
PE345 REV 1.2
PE345
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Right Angle Low Loss Test Cable Using PE-P142LL Coax, RoHS PE345
N Male to N Male Right Angle Low Loss Test
Cable Using PE-P142LL Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com