Electronic Components Datasheet Search
  English  ▼

X  

PE8030 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8030
Description  SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 1 GHz to 2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8030 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8030 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8030 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8030 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
.
Electrical Specifications
Internal DC Block
Description
Minimum
Typical
Maximum
Units
Frequency Range
1
2
GHz
Insertion Loss
0.6
dB
Input VSWR
1.4:1
Output VSWR
1.4:1
Leakage (CW) @ 1 Watt CW
+14
dBm
Recovery Time
200
µs
Input Power (CW)
1
Watt
Input Power (Peak) @1us pulse, 0.1% Duty Cycle
100
Watt
Derated to 20% @ +125°C
Limiting Threshold
+4
dBm
. .
Electrical Specification Notes:
Values at 25°C, sea level. Specification @ +25°C and -10 dBm input power.
Mechanical Specifications
Size
Length
1.27 in [32.26 mm]
Width
0.31 in [7.87 mm]
Height
0.31 in [7.87 mm]
.
Weight
0.2 lbs [90.72 g]
Body Material and Plating
Passivated Stainless Steel
Configuration
Style
PIN-Schottky Limiter
Package Style
Connectorized Module
Impedance
50 Ohms
Connector 1
SMA Male
Connector 2
SMA Female
Environmental Specifications
Temperature
Operating Range
-55 to +90 deg C
Storage Range
-65 to +125 deg C
Shock
50 G’s, 11 msec
Vibration
20G, 100 to 2000Hz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA PIN-Schottky Limiter, 100 Watts Peak Power, 14 dBm Flat Leakage, 1 GHz to 2 GHz
PE8030
PE8030 REV 1.1
SMA PIN-Schottky Limiter, 100 Watts Peak Power,
14 dBm Flat Leakage, 1 GHz to 2 GHz
Limiters Technical Data Sheet
PE8030


Similar Part No. - PE8030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8031 PASTERNACK-PE8031 Datasheet
717Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power, 14 dBm Flat Leakage, 2 GHz to 4 GHz
PE8032 PASTERNACK-PE8032 Datasheet
697Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 2 GHz to 8 GHz
PE8033 PASTERNACK-PE8033 Datasheet
701Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 18 dBm Flat Leakage, 2 GHz to 18 GHz
PE8034 PASTERNACK-PE8034 Datasheet
699Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,13 dBm Flat Leakage, 4 GHz to 8 GHz
PE8035 PASTERNACK-PE8035 Datasheet
357Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 13 dBm Flat Leakage, 6 GHz to 18 GHz
More results

Similar Description - PE8030

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8029 PASTERNACK-PE8029 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power, 14 dBm Flat Leakage, 500 MHz to 2 GHz
PE8032 PASTERNACK-PE8032 Datasheet
697Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 2 GHz to 8 GHz
PE8033 PASTERNACK-PE8033 Datasheet
701Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 18 dBm Flat Leakage, 2 GHz to 18 GHz
PE8034 PASTERNACK-PE8034 Datasheet
699Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,13 dBm Flat Leakage, 4 GHz to 8 GHz
PE8038 PASTERNACK-PE8038 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 11 GHz to 18 GHz
PE8019 PASTERNACK-PE8019 Datasheet
643Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 19 dBm Flat Leakage, 1 GHz to 2 GHz
PE8020 PASTERNACK-PE8020 Datasheet
647Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 18.5 dBm Flat Leakage, 2 GHz to 4 GHz
PE8031 PASTERNACK-PE8031 Datasheet
717Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power, 14 dBm Flat Leakage, 2 GHz to 4 GHz
PE8035 PASTERNACK-PE8035 Datasheet
357Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 13 dBm Flat Leakage, 6 GHz to 18 GHz
PE8036 PASTERNACK-PE8036 Datasheet
700Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 16 dBm Flat Leakage, 7 GHz to 12 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com