Electronic Components Datasheet Search
  English  ▼

X  

PE8037 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8037
Description  SMA PIN-Schottky Limiter, 200 Watts Peak Power,12 dBm Flat Leakage, 8 GHz to 16 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8037 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8037 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8037 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE8037 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
.
Electrical Specifications
Internal DC Block
Description
Minimum
Typical
Maximum
Units
Frequency Range
8
16
GHz
Insertion Loss
2
2.2
dB
Input VSWR
1.5:1
1.8:1
Output VSWR
1.5:1
1.8:1
Leakage (CW) @ 1 Watt CW
+12
dBm
Leakage (Peak)
+20
dBm
Recovery Time
200
µs
Input Power (CW)
1
Watt
Input Power (Peak) @1us pulse, 0.1% Duty Cycle
200
Watt
Derated to 20% @ +125°C
Limiting Threshold
+9
dBm
. .
Electrical Specification Notes:
Values at 25°C, sea level. Specification @ +25°C and -10 dBm input power.
Mechanical Specifications
Size
Length
1.27 in [32.26 mm]
Width
0.31 in [7.87 mm]
Height
0.31 in [7.87 mm]
.
Weight
0.2 lbs [90.72 g]
Body Material and Plating
Passivated Stainless Steel
Configuration
Style
PIN-Schottky Limiter
Package Style
Connectorized Module
Impedance
50 Ohms
Connector 1
SMA Male
Connector 2
SMA Female
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Storage Range
-65 to +155 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA PIN-Schottky Limiter, 200 Watts Peak Power, 12 dBm Flat Leakage, 8 GHz to 16 GHz
PE8037
PE8037 REV 1.1
SMA PIN-Schottky Limiter, 200 Watts Peak Power,
12 dBm Flat Leakage, 8 GHz to 16 GHz
Limiters Technical Data Sheet
PE8037


Similar Part No. - PE8037

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8030 PASTERNACK-PE8030 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 1 GHz to 2 GHz
PE8031 PASTERNACK-PE8031 Datasheet
717Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power, 14 dBm Flat Leakage, 2 GHz to 4 GHz
PE8032 PASTERNACK-PE8032 Datasheet
697Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 2 GHz to 8 GHz
PE8033 PASTERNACK-PE8033 Datasheet
701Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 18 dBm Flat Leakage, 2 GHz to 18 GHz
PE8034 PASTERNACK-PE8034 Datasheet
699Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,13 dBm Flat Leakage, 4 GHz to 8 GHz
More results

Similar Description - PE8037

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8029 PASTERNACK-PE8029 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power, 14 dBm Flat Leakage, 500 MHz to 2 GHz
PE8030 PASTERNACK-PE8030 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 1 GHz to 2 GHz
PE8032 PASTERNACK-PE8032 Datasheet
697Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 2 GHz to 8 GHz
PE8033 PASTERNACK-PE8033 Datasheet
701Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 18 dBm Flat Leakage, 2 GHz to 18 GHz
PE8034 PASTERNACK-PE8034 Datasheet
699Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,13 dBm Flat Leakage, 4 GHz to 8 GHz
PE8038 PASTERNACK-PE8038 Datasheet
707Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power,14 dBm Flat Leakage, 11 GHz to 18 GHz
PE8023 PASTERNACK-PE8023 Datasheet
707Kb / 3P
SMA PIN-PIN Limiter, 100 Watts Peak Power, 16 dBm Flat Leakage, 4 GHz to 8 GHz
PE8031 PASTERNACK-PE8031 Datasheet
717Kb / 3P
SMA PIN-Schottky Limiter, 200 Watts Peak Power, 14 dBm Flat Leakage, 2 GHz to 4 GHz
PE8035 PASTERNACK-PE8035 Datasheet
357Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 13 dBm Flat Leakage, 6 GHz to 18 GHz
PE8036 PASTERNACK-PE8036 Datasheet
700Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 16 dBm Flat Leakage, 7 GHz to 12 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com