Electronic Components Datasheet Search
  English  ▼

X  

PE-T2017 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE-T2017
Description  Low Loss 20 dB N Unequal Tapper Optimized For Mobile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE-T2017 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE-T2017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE-T2017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE-T2017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE-T2017 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
3
Plotted and Other Data
* Notes: • Values at 25 °C, sea level
• Main line VSWR usable to DC
• Coupling Port usable to 148 MHz or less with acceptable roll-off.
• Insertion Loss = Dissipative Loss + Coupling Loss
• Resonant Free in listed operating bands, Resonance may occur outside specified operating bands
Low Loss 20 dB N Unequal Tapper Optimized For Mobile Networks From 380 MHz to 6 GHz Rated To 300 Watts from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Low Loss 20 dB N Unequal Tapper Optimized For Mobile Networks From 380 MHz to 6 GHz Rated
To 300 Watts PE-T2017
URL: http://www.pasternack.com/low-loss-20db-n-unequaltapper-380-mhz-6-ghz-300watts-pe-t2017-p.aspx
PE-T2017
PE-T2017 REV 1.2
Low Loss 20 dB N Unequal Tapper Optimized For Mobile
Networks From 380 MHz to 6 GHz Rated To 300 Watts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com