Electronic Components Datasheet Search
  English  ▼

X  

HFE39 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE39
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE39 Datasheet(HTML) 2 Page - Hongfa Technology

  HFE39 Datasheet HTML 1Page - Hongfa Technology HFE39 Datasheet HTML 2Page - Hongfa Technology HFE39 Datasheet HTML 3Page - Hongfa Technology HFE39 Datasheet HTML 4Page - Hongfa Technology HFE39 Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S^glbmbo^ mri^A
<2 S^glbmbo^
>OP2 SmZg]Zk]
.:62 8 Hhkf C 2 . Hhkf D
/62 9 Hhkf D /:2 9 Hhkf C
?A67A;>9 ;>8?A=3C;?>
5?;< 63C3
Zm 9:
:
<
=
@
89
9;
:
<
=
@
89
9;
8<
;9
=7
8:<
9;7
@=7
>5<2>5<
98298
:72:7
=>5<2=>5<
8972897
;?72;?7
958
:5<
;59
=5:
?5;
8=5?
958
:5<
;59
=5:
?5;
8=5?
<7
<7
<7
<7
<7
<7
<7
<7
<7
<7
<7
<7
Ehbe R^lblmZg\^
q08 87-1
Sbg`e^ \hbe
eZm\abg`
Fhn[e^ \hbel
eZm\abg`
NhfbgZe
VhemZ`^
VFE
S^m 6 R^l^m
VhemZ`^
VFE
fZq5
Pnel^
FnkZmbhg
fl
fbg5
JHG:@
689
S
0XXX1
49F
4L8 4R
T
C2 C`SgO9
48
L
C[TL
5SOP YSPWINL
5SRWIJW MSUQ
5SRWIJW QIWLUOIP
5SRVWUXJWOSR
BSUW
<.2 Sbg`e^ \hbe eZm\abg`
</2 Fhn[e^ \hbel eZm\abg`
A2 R^o^kl^ iheZkbmr
>OP2 Phlbmbo^ iheZkbmr
@SPIUOW[
B2 PeZlmb\ l^Ze^]0Nh _hk JHG:@481
>OP2 Henq ikhh_^]
5SOP TSZLU
:3 <3 =3 @3893 9;VFE
;? VFE0Oger _hk lmZg]Zk] mri^1
::
91 EhgmZ\m bl k^\hff^g]^] _hk lnbmZ[e^ \hg]bmbhg Zg] li^\b_b\Zmbhgl b_ pZm^k \e^Zgbg` hk lnk_Z\^ ikh\^ll bl bgoheo^] bg Zll^f[ebg` k^eZrl
hg PED5
>SWLV2 81 9J f^Zgl maZm k^eZr bl hg ma^ ,k^l^m, lmZmnl pa^g ]^ebo^krB 9F f^Zgl maZm k^eZr bl hg ma^ ,l^m, lmZmnl pa^g ]^ebo^kr5K_ gh li^b\Ze k^jnbk^]
[r \nlmhf^k3p^ pbee d^^i ma^ k^eZr hg ma^ ,l^m, lmZmnl pa^g ]^ebo^kr5
81
91
ELUVOSR
8A pbma fZgnZe lpbm\a
NbeA Nh fZgnZe lpbm\a
BTLJOIP JSKL:1
GGG2 Enlmhf^k li^\bZe k^jnbk^f^gm
>OP2 SmZg]Zk]
:1 Ta^ \nlmhf^k li^\bZe k^jnbk^f^gm ^qik^ll Zl li^\bZe \h]^ Z_m^k ^oZenZmbg` [r Jhg`_Z5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com