Electronic Components Datasheet Search
  English  ▼

X  

HFE60P Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFE60P
Description  SUBMINIATUER INTERMEDIATE POWER RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE60P Datasheet(HTML) 1 Page - Hongfa Technology

  HFE60P Datasheet HTML 1Page - Hongfa Technology HFE60P Datasheet HTML 2Page - Hongfa Technology HFE60P Datasheet HTML 3Page - Hongfa Technology HFE60P Datasheet HTML 4Page - Hongfa Technology HFE60P Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BY]Q\6 8FC B?R? QFMUL ?@MTC ?PC GLGRG?J T?JSCQl
<QM]^[Q\
-32,+{ 6*0{=
.73wnnoj .73m87otwrw j .73ornnoj 3-7{7ovnnoj .*}55} nvnnnn }*68.+.*~
+GJC 2Mlx *oqrsou
~GCJCARPGA
QRPCLERF
7FMAIPCQGQR?LAC
o
+GJC 2Mlx |opopsqpvtnnt
pnos 6CTl olnn
7GLEJC QGBC QR?@JCx{NNPMVl qnnK;
o AMGJ J?RAFGLEx{NNPMVl osnK;
p AMGJQ J?RAFGLEx{NNPMVl qnnK;
}MGJ NMUCP
qn V go oneh
vq V go oneh
opn V go oneh
pun V go oneh
rvn V go oneh
onvn V go oneh
owpn V go oneh
q
s
t
w
op
ov
pr
plr
rln
rlv
ulp
wlt
orlr
owlp
qlw
tls
ulv
oolu
oslt
pqlr
qolp
nlq
nls
nlt
nlw
olp
olv
plr
tn V go oneh
otu V go oneh
prn V go oneh
srn V go oneh
wtn V go oneh
potn V go oneh
qvrn V go oneh
q
s
t
w
op
ov
pr
plr
rln
rlv
ulp
wlt
orlr
owlp
qlw
tls
ulv
oolu
oslt
pqlr
qolp
plr
rln
rlv
ulp
wlt
orlr
owlp
q
s
t
w
op
ov
pr
plr
rln
rlv
ulp
wlt
orlr
owlp
qlw
tls
ulv
oolu
oslt
pqlr
qolp
plr
rln
rlv
ulp
wlt
orlr
owlp
qn V go oneh
vq V go oneh
opn V go oneh
pun V go oneh
rvn V go oneh
onvn V go oneh
owpn V go oneh
FH8A?B?7GHE; ?BG;EA;:?7G; DCJ;E E;@7L
.LQSJ?RGML PCQGQR?LAC
|CRUCCL AMGJ f AMLR?ARQ
|CRUCCL MNCL AMLR?ARQ
|CRUCCL AMLR?AR QCRQ
7SPEC TMJR?EC g@CRUCCL AMGJ ?LB AMLR?ARQh
7CRmMNCP?RC RGKC
6CJC?QC RGKC gQGLEJC QGBC QR?@JCh
6CQCR RGKC gJ?RAFGLEh
+SLARGML?J
~CQRPSARGTC
+SLARGML?J
~CQRPSARGTC
-SKGBGRW
{K@GCLR RCKNCP?RSPC
8CPKGL?RGML
9LGR UCGEFR
onnn1 g?R snn:~}h
qnnn:{} oKGL
onnn:{} oKGL
pnnn:{} oKGL
sI: golp V sn]Qh
onKQ K?Vlg{NNPMVlrKQh
sKQ K?Vlg{NNPMVlpKQh
onKQ K?Vlg{NNPMVlrKQh
owtKmQp
wvnKmQp
on-X RM ss-X plnKK ~{
on-X RM ss-X qlsKK ~{
se RM vse 6-
krn RM vs
4}|
{NNPMVl rlsE
4J?QRGA QC?JCB
9>7E79G;E?FG?9F
9C?@
9C?@ :7G7
?R pq
><;50D
o{
p{j o{io|
{E7L3p
}MLR?AR ?PP?LECKCLR
}MLR?AR
PCQGQR?LAC
}MLR?AR K?RCPG?J
9CBG79G :7G7
}MLR?AR P?RGLE
2M EMJB NJ?RCBxqnK g?R o{ t:~}h
,MJB NJ?RCBxpnK g?R nlo{ t:~}h
qvn:{} m prn:~}
v{
s{
pnnn:{mosn;
opsn:{mosn;
o V onu347
o V onr347g?R rnfj olsQML olsQMDDh
}MLQRPSARGML
:G@P?RGML PCQGQR?LAC
2MKGL?J
:MJR?EC
:~}
}MGJ 6CQGQR?LAC
4GAIkSN
:~}
K?Vl
1?Vl
{JJMU?@JC
:MJR?EC
:~}
~PMNkMSR
:MJR?EC
:~}
KGLl
FUXSVQ \UPQ \]MNVQ ,300WJ-
1 OYUV VM]OTUXS ,140WJ-
2MKGL?J
:MJR?EC
:~}
}MGJ 6CQGQR?LAC
7CR :MJR?EC
:~}
K?Vl
1?Vl
{JJMU?@JC
:MJR?EC
:~}
6CQCR
:MJR?EC
:~}
K?Vl
1?Vl QUGRAFGLE TMJR?EC
1?Vl QUGRAFGLE ASPPCLR
1?Vl QUGRAFGLE NMUCP
1CAF?LGA?J CLBSP?LAC
*JCARPGA?J CLBSP?LAC
2 OYUV\ VM]OTUXS ,300WJ-
2MKGL?J
:MJR?EC
:~}
}MGJ 6CQGQR?LAC
7CR :MJR?EC
:~}
K?Vl
1?Vl
{JJMU?@JC
:MJR?EC
:~}
6CQCR
:MJR?EC
:~}
K?Vl
v{psn:{}g}37^zolnh
s{psn:{}g}37^znlrh
nlq{prn:~}giznKQh
nlos{prn:~}gizrnKQh
s{qn:~}giznKQh
s{psn:{}g}37^zolnh
q{psn:{}g}37^znlrh
nlq{prn:~}giznKQh
nlos{prn:~}gizrnKQh
s{qn:~}giznKQh
g 0MU FCGEFR onlsKK
g 0MU AMGJ NMUCP
g -GEF QUGRAFGLE A?N?AGRW
o{x v{ psn:{}
p{jo{io|x s{ psn:{}
g o +MPK {j p +MPK {j o +MPK {io +MPK | AMLDGESP?RGML
g qI: BGCJCARPGA QRPCLERF g@CRUCCL AMGJ ?LB AMLR?ARQh
g *LTGPMLKCLR?J DPGCLBJW NPMBSAR g6M-7 AMKNJG?LRh


Similar Part No. - HFE60P

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE60P HONGFA-HFE60P_17 Datasheet
77Kb / 5P
Low height 10.5mm
More results

Similar Description - HFE60P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
MINIATURE INTERMEDIATE POWER RELAY
HF420 ETC1-HF420 Datasheet
123Kb / 5P
MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
MINIATURE INTERMEDIATE POWER RELAY
HF140FF HONGFA-HF140FF_15 Datasheet
68Kb / 4P
MINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
HF32FV-G HONGFA-HF32FV-G_17 Datasheet
65Kb / 3P
SUBMINUATURE INTERMEDIATE POWER RELAY
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com