Electronic Components Datasheet Search
  English  ▼

X  

16C62X Datasheet(PDF) 21 Page - Microchip Technology

Part # 16C62X
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16C62X Datasheet(HTML) 21 Page - Microchip Technology

Back Button 16C62X Datasheet HTML 17Page - Microchip Technology 16C62X Datasheet HTML 18Page - Microchip Technology 16C62X Datasheet HTML 19Page - Microchip Technology 16C62X Datasheet HTML 20Page - Microchip Technology 16C62X Datasheet HTML 21Page - Microchip Technology 16C62X Datasheet HTML 22Page - Microchip Technology 16C62X Datasheet HTML 23Page - Microchip Technology 16C62X Datasheet HTML 24Page - Microchip Technology 16C62X Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30235G-page 21
PIC16C62X
4.2.2.4
PIE1 REGISTER
This register contains the individual enable bit for the
comparator interrupt.
FIGURE 4-11: PIE1 REGISTER (ADDRESS 8CH)
4.2.2.5
PIR1 REGISTER
This register contains the individual flag bit for the
comparator interrupt.
FIGURE 4-12: PIR1 REGISTER (ADDRESS 0CH)
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
—
CMIE
—
—
—
—
—
—
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7:
Unimplemented: Read as '0'
bit 6:
CMIE: Comparator Interrupt Enable bit
1 = Enables the Comparator interrupt
0 = Disables the Comparator interrupt
bit 5-0: Unimplemented: Read as '0'
Note:
Interrupt flag bits get set when an interrupt
condition occurs regardless of the state of
its corresponding enable bit or the global
enable
bit,
GIE
(INTCON<7>).
User
software should ensure the appropriate
interrupt flag bits are clear prior to enabling
an interrupt.
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
U-0
—
CMIF
—
—
—
—
—
—
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7:
Unimplemented: Read as'0'
bit 6:
CMIF: Comparator Interrupt Flag bit
1 = Comparator input has changed
0 = Comparator input has not changed
bit 5-0: Unimplemented: Read as '0'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com