Electronic Components Datasheet Search
  English  ▼

X  

HFD4 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD4
Description  SUBMINIATURE SIGNAL RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD4 Datasheet(HTML) 1 Page - Hongfa Technology

  HFD4 Datasheet HTML 1Page - Hongfa Technology HFD4 Datasheet HTML 2Page - Hongfa Technology HFD4 Datasheet HTML 3Page - Hongfa Technology HFD4 Datasheet HTML 4Page - Hongfa Technology HFD4 Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Udibg` nd_` no\]g`
8 ^jdg g\o^cdib
<7M h\s50Co 8C gj\_3 ?< `iqdmjih`io1
Ejio\^o m\odib
0T`n5 gj\_1
D`or``i jk`i ^jio\^on
D`or``i ^jio\^o n`on
Fd`g`^omd^
nom`iboc
Ucj^f
m`ndno\i^`
JQPIHC TGNC[
Ejdg kjr`m
V`hk`m\opm` mdn`
=8
KUQ@7783 KUQ6VU8=@;@ 3 KUQ8;7783 QJUCU8?7783 KGES SE 7?7777 EGTVKHKGF
978< T`q5 8577
Gg`^omd^\g `i_pm\i^` 91
D`or``i jk`i ^jio\^on 08768=7xn1
D`or``i ^jdg . ^jio\^on 09687xn1
Hpi^odji\g
F`nomp^odq`
Hdg` Pj5AG8::;?8
D`or``i ^jdg . ^jio\^on
U`` ,EQKN FCVC,
U`` ,EQKN FCVC,
8C :7XFE \o ?<
9C :7XFE \o ;7
75<C 89<XCE \o ;7
:PL\]ZP[
8777O 0\o <77XFE1
8=77XCE 8hdi
8777XCE 8hdi
8?77XCE 8hdi
:hn h\s5
:hn h\s5
4;7 oj ?<
<- oj ?<- TJ
87Ju oj <<Ju :5:hh FC
>:<h6n
9
@?7h6n
9
FKR3 UOV
Ckkmjs5 75?b
OUN :
Rg\nod^ n`\g`_
<:83
9E
877h h\s5 0\o 87hC :7hXFE1
`bac 2 Cp kg\o`_
9C :7XFE
75<C 89<XCE
9C
9<7XCE 6 997XFE
=95<XC 6 =7Y
87hX 87xC
8s87?QRU
Ejio\^o \mm\ib`h`io
Ejio\^o m`ndno\i^`
Ejio\^o h\o`md\g
O\s5 nrdo^cdib ^pmm`io
O\s5 nrdo^cdib qjgo\b`
O\s5 nrdo^cdib kjr`m
Odi5 \kkgd^\]g` gj\_ 81
O`^c\id^\g `i_pm\i^`
Kinpg\odji m`ndno\i^`
Upmb` rdocno\i_ qjgo\b`
Qk`m\o` odh` 0U`o odh`1
T`g`\n` odh` 0T`n`o odh`1
Ch]d`io o`hk`m\opm`
Jphd_dot
Xd]m\odji m`ndno\i^`
V`mhdi\odji
Wido r`dbco
Ojdnopm` n`indodqdot g`q`gn 0Qigt ajm
UOV otk`3 LGFGE4UVF47971
Ejinomp^odji
EG6@=A=5FGD9 E=;A5? D9?5K
7BAF57F 85F5
7<5D57F9D=EF=7E
7B=?
G?17G?
E5:9FK 5CCDBH5? D5F=A;E
8<77XCE 0HEE k\mo =?1
9<77XCE 0V`g`^jm_d\1
AX\P[4 81 Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n5
91 WN dinpg\odji ntno`hA Eg\nn C
- Qaa`mn `s^`gg`io ]j\m_ nk\^` n\qdibn
- Upmb` rdocno\i_ qjgo\b` pk oj 9<77X3
h``on HEE R\mo =? \i_ V`g`^jm_d\
- O``on GP=7@<76GP;877:
- UOV \i_ FKR otk`n \q\dg\]g`
- Jdbc ^jio\^o ^\k\^dot 9C :7XFE
- Njr kjr`m ^jinphkodji
- Udibg` nd_` no\]g` \i_ g\o^cdib otk` \q\dg\]g`
- Giqdmjih`io\g amd`i_gt kmj_p^o 0TjJU ^jhkgd\io1
- Qpogdi` Fdh`indjinA 08757 s =5< s <5;1hh
AX\P[4 81 Cgg q\gp`n pink`^dad`_ \m` \o mjjh o`hk`m\opm`5
91 Qigt otkd^\g gj\_n \m` gdno`_ \]jq`5 Qoc`m gj\_ nk`^dad^\odjin
^\i ]` \q\dg\]g` pkji m`lp`no5
8s87<QRU3 75<C 89<XCE3
T`ndnodq` gj\_3 \o ;7jE3 8n ji @n jaa
AX\P[4 81 Odi5 \kkgd^\]g` gj\_ dn m`a`m`i^` q\gp`5 Rg`\n` k`majmh oc`
^jiadmh\odji o`no rdoc oc` \^op\g gj\_ ]`ajm` kmj_p^odji ndi^`
m`a`m`i^` q\gp` h\t ^c\ib` \^^jm_dib oj nrdo^cdib am`lp`i^d`n3
`iqdmjih`io\g ^ji_dodjin \i_ `sk`^o`_ ^jio\^o m`ndno\i^` \i_
m`gd\]dgdot5
91 Gg`^omd^ `i_pm\i^` _\o\ \m` ^jgg`^o`_ di ji` k\dm EQ ^jio\^o o`no5


Similar Part No. - HFD4

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD4 HONGFA-HFD4 Datasheet
950Kb / 8P
SUBMINIATURE SIGNAL RELAY
2023 Rev. 1.01
HFD4-I HONGFA-HFD4-I Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
HFD4-I/1.5-LS1R HONGFA-HFD4-I/1.5-LS1R Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
HFD4-I/1.5-LS3R HONGFA-HFD4-I/1.5-LS3R Datasheet
214Kb / 6P
SUBMINIATURE HIGH LOAD RELAY
More results

Similar Description - HFD4

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
DSY2Y SANYOU-DSY2Y Datasheet
59Kb / 3P
Subminiature Signal Relay
SYS SANYOU-SYS Datasheet
183Kb / 3P
Subminiature Signal Relay
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
Subminiature Signal Relay
logo
Hongfa Technology
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
SUBMINIATURE SIGNAL RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com