Electronic Components Datasheet Search
  English  ▼

X  

LM3524D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3524D
Description  Regulating Pulse Width Modulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3524D Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3524D Datasheet HTML 6Page - Texas Instruments LM3524D Datasheet HTML 7Page - Texas Instruments LM3524D Datasheet HTML 8Page - Texas Instruments LM3524D Datasheet HTML 9Page - Texas Instruments LM3524D Datasheet HTML 10Page - Texas Instruments LM3524D Datasheet HTML 11Page - Texas Instruments LM3524D Datasheet HTML 12Page - Texas Instruments LM3524D Datasheet HTML 13Page - Texas Instruments LM3524D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LM2524D, LM3524D
SNVS766E – JUNE 2009 – REVISED MAY 2013
www.ti.com
Figure 13.
Error Amplifier
The error amplifier is a differential input, transconductance amplifier. Its gain, nominally 86 dB, is set by either
feedback or output loading. This output loading can be done with either purely resistive or a combination of
resistive and reactive components. A graph of the amplifier's gain vs output load resistance is shown in
Figure 14.
Figure 14.
The output of the amplifier, or input to the pulse width modulator, can be overridden easily as its output
impedance is very high (ZO ≃ 5 MΩ). For this reason a DC voltage can be applied to pin 9 which will override the
error amplifier and force a particular duty cycle to the outputs. An example of this could be a non-regulating
motor speed control where a variable voltage was applied to pin 9 to control motor speed. A graph of the output
duty cycle vs the voltage on pin 9 is shown in Figure 15.
The duty cycle is calculated as the percentage ratio of each output's ON-time to the oscillator period. Paralleling
the outputs doubles the observed duty cycle.
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM2524D LM3524D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com