Electronic Components Datasheet Search
  English  ▼

X  

LM2681 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2681
Description  LM2681 Switched Capacitor Voltage Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2681 Datasheet(HTML) 2 Page - Texas Instruments

  LM2681 Datasheet HTML 1Page - Texas Instruments LM2681 Datasheet HTML 2Page - Texas Instruments LM2681 Datasheet HTML 3Page - Texas Instruments LM2681 Datasheet HTML 4Page - Texas Instruments LM2681 Datasheet HTML 5Page - Texas Instruments LM2681 Datasheet HTML 6Page - Texas Instruments LM2681 Datasheet HTML 7Page - Texas Instruments LM2681 Datasheet HTML 8Page - Texas Instruments LM2681 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM2681
SNVS042B – MARCH 1999 – REVISED MAY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
V+ to GND Voltage
5.8V
OUT to GND Voltage
11.6V
OUT to V+ Voltage
5.8V
V+ and OUT Continuous Output Current
30 mA
Output Short-Circuit Duration to GND(3)
1 sec.
Continuous Power Dissipation (TA = 25°C)
(4)
600 mW
TJMax
(4)
150°C
θJA
(4)
210°C/W
Operating Junction Temperature Range
−40° to 85°C
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 10 seconds)
300°C
ESD Rating
2kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
OUT may be shorted to GND for one second without damage. However, shorting OUT to V+ may damage the device and should be
avoided. Also, for temperatures above 85°C, OUT must not be shorted to GND or V+, or device may be damaged.
(4)
The maximum allowable power dissipation is calculated by using PDMax = (TJMax − TA)/θJA, where TJMax is the maximum junction
temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance of the specified package.
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: V+ = 5V, C1 = C2 = 3.3 μF.
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V+
Supply Voltage
2.5
5.5
V
IQ
Supply Current
No Load
550
1000
µA
IL
Output Current
20
mA
RSW
Sum of the Rds(on)of the four internal
IL = 20 mA
8
16
Ω
MOSFET switches
ROUT
Output Resistance(2)
IL = 20 mA
15
40
Ω
fOSC
Oscillator Frequency
See(3)
80
160
kHz
fSW
Switching Frequency
See(3)
40
80
kHz
PEFF
Power Efficiency
RL (1.0k) between GND and OUT
86
93
%
IL = 20 mA to GND
90
VOEFF
Voltage Conversion Efficiency
No Load
99
99.96
%
(1)
In the test circuit, capacitors C1 and C2 are 3.3 µF, 0.3Ω maximum ESR capacitors. Capacitors with higher ESR will increase output
resistance, reduce output voltage and efficiency.
(2)
Specified output resistance includes internal switch resistance and capacitor ESR. See POSITIVE VOLTAGE DOUBLER
(3)
The output switches operate at one half of the oscillator frequency, fOSC = 2fSW.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2681



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com