Electronic Components Datasheet Search
  English  ▼

X  

LM2694 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2694
Description  LM2694 30V, 600 mA Step Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2694 Datasheet(HTML) 2 Page - Texas Instruments

  LM2694 Datasheet HTML 1Page - Texas Instruments LM2694 Datasheet HTML 2Page - Texas Instruments LM2694 Datasheet HTML 3Page - Texas Instruments LM2694 Datasheet HTML 4Page - Texas Instruments LM2694 Datasheet HTML 5Page - Texas Instruments LM2694 Datasheet HTML 6Page - Texas Instruments LM2694 Datasheet HTML 7Page - Texas Instruments LM2694 Datasheet HTML 8Page - Texas Instruments LM2694 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SW
BST
NC
NC
NC
NC
RTN
FB
SS
11
10
9
5
4
3
2
1
6
7
8
12
13
14
VCC
VIN
RON/SD
SGND
ISEN
SW
BST
RTN
VCC
FB
SS
VIN
10
9
8
7
6
5
4
3
2
1
RON/SD
SGND
ISEN
LM2694
SNVS444A – MAY 2006 – REVISED APRIL 2013
www.ti.com
Connection Diagrams
Figure 1. 14-Lead TSSOP Package
Figure 2. 10-Lead WSON Package
See Package Number PW0014A
See Package Number DSC0010A
Pin Descriptions
PIN NUMBER
NAME
DESCRIPTION
APPLICATION INFORMATION
WSON-10
TSSOP-14
1
2
SW
Switching Node
Internally connected to the buck switch source.
Connect to the inductor, free-wheeling diode, and
bootstrap capacitor.
2
3
BST
Boost pin for bootstrap capacitor
Connect a 0.022 µF capacitor from SW to the BST
pin. The capacitor is charged from VCC via an
internal diode during the buck switch off-time.
3
4
ISEN
Current sense
During the buck switch off-time, the inductor current
flows through the internal sense resistor, and out of
the ISEN pin to the free-wheeling diode. The current
limit is nominally set at 0.62A.
4
5
SGND
Current Sense Ground
Re-circulating current flows into this pin to the current
sense resistor.
5
6
RTN
Circuit Ground
Ground return for all internal circuitry other than the
current sense resistor.
6
9
FB
Voltage feedback input from the
Input to both the regulation and over-voltage
regulated output
comparators. The FB pin regulation level is 2.5V.
7
10
SS
Softstart
An internal current source charges the SS pin
capacitor to 2.5V to soft-start the reference input of
the regulation comparator.
8
11
RON/SD
On-time control and shutdown
An external resistor from VIN to the RON/SD pin sets
the buck switch on-time. Grounding this pin shuts
down the regulator.
9
12
VCC
Output of the startup regulator
The voltage at VCC is nominally regulated at 7V.
Connect a 0.1 µF, or larger capacitor from VCC to
ground, as close as possible to the pins. An external
voltage can be applied to this pin to reduce internal
dissipation. MOSFET body diodes clamp VCC to VIN
if VCC > VIN.
10
13
VIN
Input supply voltage
Nominal input range is 8V to 30V. Input bypass
capacitors should be located as close as possible to
the VIN pin and RTN pins.
1,7,8,14
NC
No connection.
No internal connection. Can be connected to ground
plane to improve heat dissipation.
EP
EP
Exposed Pad
Exposed metal pad on the underside of the WSON
package. It is recommended to connect this pad to
the PC board ground plane to aid in heat dissipation.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM2694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com