Electronic Components Datasheet Search
  English  ▼

X  

LM2696 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2696
Description  LM2696 3A, Constant On Time Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2696 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2696 Datasheet HTML 17Page - Texas Instruments LM2696 Datasheet HTML 18Page - Texas Instruments LM2696 Datasheet HTML 19Page - Texas Instruments LM2696 Datasheet HTML 20Page - Texas Instruments LM2696 Datasheet HTML 21Page - Texas Instruments LM2696 Datasheet HTML 22Page - Texas Instruments LM2696 Datasheet HTML 23Page - Texas Instruments LM2696 Datasheet HTML 24Page - Texas Instruments LM2696 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
CIN
AVIN
CBOOT
SW
FB
PGOOD
RON
LM2696
VIN
VOUT
RFB1
RFB2
GND
COUT
RON
PVIN
SD
SS
EXTVCC
CEXT
CBOOT
DCATCH
L
CSD
CBY
VPGOOD
VSD
Rff
Cff
CSS
CAVIN
LM2696
www.ti.com
SNVS375B – OCTOBER 2005 – REVISED APRIL 2013
Figure 28. 12V-to 3.3V Voltage Applications Circuit
Table 2. Bill of Materials(1)
Designator
Function
Description
Vendor
Part Number
CIN
Input Cap
560 µF
Sanyo
35MV560WX
CBY
Bypass Cap
0.1 µF
Vishay
VJ0805Y104KXAM
CSS
Soft-Start Cap
0.01 µF
Vishay
VJ080JY103KXX
CEXT
EXTVCC
1 µF
Vishay
VJ0805Y105JXACW1BC
CBOOT
Boot
0.1 µF
Vishay
VJ0805Y104KXAM
CAVIN
Analog VIN
1 µF
Vishay
VJ0805Y105JXACW1BC
COUT
Output Cap
100 µF
Sanyo
6SVPC100M
CSD
Shutdown Cap
1 nF
Vishay
VJ0805Y102KXXA
Cff
Feedforward Cap
560 pF
Vishay
VJ0805A561KXXA
Rff
Feedforward Res
1 M
Ω
Vishay
CRCW08051004F
RFB1
High Side FB Res
1.62 k
Ω
Vishay
CRCW08051621F
RFB2
Low Side RB Res
1 k
Ω
Vishay
CRCW08051001F
RON
On Time Res
143 k
Ω
Vishay
CRCW08051433F
DCATCH
Boot Diode
40V @ 3A Diode
Central Semi
CMSH3-40M-NST
L
Output Inductor
10 uH, 5.4A ISAT
Coilcraft
MSS1278-103MX
(1)
(Figure 28: Medium Voltage Board, 12V-to-3.3V conversion, fsw = 300 kHz)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2696



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com